Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AP Datasheet(PDF) 22 Page - ELAN Microelectronics Corp

Part # EM78P257AP
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AP Datasheet(HTML) 22 Page - ELAN Microelectronics Corp

Back Button EM78P257AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 26Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
22
Pin 8 can choose P61 ,CIN3- or TCC1, and is decided by IOCA0. If CIN3- was not chosen as
comparator1(-) input, then this pin’s status will be decided by TCCATS of RA. When TCCATS is ‘1’,
then Pin 8 is defined as TCC1, otherwise the status is defined as P61.
• Bit 1 (CE2): Comparator (CO2) enable bit
0 = Comparator is CO2 off (default value).
For EM78P257A
Pin 1 can choose P52 only.
Pin 2 can choose P53 only.
Pin 3 can choose P54 or TCC only, and is decided by Bit 5 of Control Register (CONT-5). When TS
is ‘1’, then Pin 3 is defined as TCC, otherwise the status is defined as P54.
For EM78P257B
Pin 2 can choose P52 only.
Pin 3 can choose P53 only.
Pin 4 can choose P54 or TCC only, and is decided by Bit 5 of Control Register (CONT-5). When TS
is ‘1’, then Pin 4 is defined as TCC, otherwise the status is defined as P54.
1 = Comparator is CO2 on.
For EM78P257A
Pin 1 can choose P52 or CO2 only, and decided by COIE2 of IOC90.
Pin 2 can choose CIN2+ only.
Pin 3 can choose P54 ,CIN2- or TCC, and is decided by IOCA0. If CIN2- was not chosen as
comparator1(-) input, then this pin will be decided by Bit 5 of Control Register (CONT-5). When TS
is ‘1’, then Pin 3 is defined as TCC, otherwise status is defined as P54.
For EM78P257B
Pin 2 can choose P52 or CO2 only, and decided by COIE2 of IOC90.
Pin 3 can choose CIN2+ only.
Pin 4 can choose P54 ,CIN2- or TCC as decided by IOCA0. If CIN2- was not chosen as
comparator1(-) input, then this pin will be decided by Bit 5 of Control Register (CONT-5). When TS
is ‘1’, then Pin 4 is defined as TCC, otherwise status defined as P54.• Bit 0 (CE1): Comparator
(CO1) enable bit
0 = Comparator CO1 is off (default value).
For EM78P257A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com