| Electronic Components Datasheet Search |
|
EM78P257AP Datasheet(PDF) 57 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P257AP Datasheet(HTML) 57 Page - ELAN Microelectronics Corp |
|
57 / 91 page ![]() EM78P257 OTP ROM This specification is subject to change without prior notice. 07.27.2004 (V1.4) 57 1st CLK 11th CLK Tpi Tsca Tsdc Tsci Tsdc Stop bit Parity Bit Start bit Bit0~Bit7 10th CLK 2nd CLK CLK DATA If CLK is low (inhibit status), no data transmission occurs. If CLK is high and DATA is low (request-to-send), data is updated. Data is received from the system and no transmission is started by EM78A/B until CLK and DATA are both high. IF CLK and DATA are both high, the transmission is ready. DATA is valid prior to the falling edge of CLK and beyond the rising edge of CLK. During transmission, EM78P257A/B check for line contention by checking for an inactive level on CLK at interval not to exceed 100u seconds. Contention occurs when the system lowers CLK to inhibit EM78P257A/B output after EM78P257A/B has started a transmission. If this occurs before the rising edge of the tenth clock, EM78P257A/B internally stores its buffer and returns DATA and CLK to an active level. If the contention does not occur by the tenth clock, the transmission is completed. Following a transmission, the system inhibits EM78P257A/B by holding CLK low until it can service the input or until the system receives a request to send a response from EM78P257A/B. (3) Receiving DATA (from system to EM78P257A/B) 11th CLK 10th CLK 9th CLK 2nd CLK 1st CLK Tmci Tmdc Tmca Line Control Bit Stop bit Parity Bit Inhibit Start bit Bit0~Bit7 CLK DATA System first checks if EM78P257A/B is transmitting data. If transmitting, the system can override the output by forcing CLK to an inactive level prior to the tenth clock. If EM78P257A/B transmission is beyond the tenth clock, the system receives the data. If EM78P257A/B is not transmitting or if the system choose to override the output, the system forces CLK to an inactive level for a period of not less than 100us while preparing for output. When the system is ready to output start bit (0), it allows CLK to go to active level. If request-to-send is detected, EM78P257A/B clocks 11 bits. Following the tenth clock, EM78P257A/B checks for an active level on the DATA line, and if found, forces |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |