Electronic Components Datasheet Search
  English  ▼

X  

EM78P257AP Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM78P257AP
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AP Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM78P257AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
15
8. R9 (CMPOUT Status Register & TCC Status Register)
7
6
5
4
3
2
1
0
CMPOUT4
CMPOUT3
CMPOUT2
CMPOUT1
-
TCCCIF
TCCBIF
TCCAIF
• Bit 7(CMPOUT4) The output result of the comparator4.
• Bit 6(CMPOUT3) The output result of the comparator3.
• Bit 5(CMPOUT2) The output result of the comparator2.
• Bit 4(CMPOUT1) The output result of the comparator1.
• Bit 4~Bit 7 are read only.
• Bit 3 Not used, read as’0’.
• Bit 2(TCCCIF) TCCC overflowing interrupt flag. Set when TCCC overflow, reset by software.
• Bit 1(TCCBIF) TCCB overflowing interrupt flag. Set when TCCB overflow, reset by software.
• Bit 0 (TCCAIF) TCCA overflowing interrupt flag. Set when TCCA overflow, reset by software.
9. RA (TCC Control Register (1))
7
6
5
4
3
2
1
0
-
-
-
-
-
TCCAIE
-
-
• Bit 7~Bit 3 Not used, read as ‘0’.
• Bit 2(TCCAIE) TCCAIF interrupt enable bit.
0: disable TCCAIF interrupt
1: enable TCCAIF interrupt
• Bit 1 Set to “0” as all time.
• Bit 0 Not used.
10. RB (TCC Control Register (2))
7
6
5
4
3
2
1
0
-
TCCBIE
-
-
-
TCCCIE
-
-
• Bit 7 Not used.
• Bit 6(TCCBIE) TCCBIF interrupt enable bit.
0: disable TCCBF interrupt
1: enable TCCBIF interrupt
• Bit 5 Set to “0” as all time.
• Bit 4~3 Not used.
• Bit 2(TCCCIE) TCCCIF interrupt enable bit.
0: disable TCCCIF interrupt
1: enable TCCCIF interrupt
• Bit 1 Set to “0” as all time.
• Bit 0 Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com