Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 1 Page - Linear Technology

  LTC2992 Datasheet HTML 1Page - Linear Technology LTC2992 Datasheet HTML 2Page - Linear Technology LTC2992 Datasheet HTML 3Page - Linear Technology LTC2992 Datasheet HTML 4Page - Linear Technology LTC2992 Datasheet HTML 5Page - Linear Technology LTC2992 Datasheet HTML 6Page - Linear Technology LTC2992 Datasheet HTML 7Page - Linear Technology LTC2992 Datasheet HTML 8Page - Linear Technology LTC2992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LTC2992
1
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Wide Range
Power Monitor
The LTC®2992 is a rail-to-rail system monitor that mea-
sures current, voltage, and power of two supplies. It
features an operating range of 2.7V to 100V and includes
a shunt regulator for supplies above 100V. The voltage
measurement range of 0V to 100V is independent of the
input supply. Two ADCs simultaneously measure each
supply’s current. A third ADC monitors the input voltages
and four auxiliary external voltages. Each supply’s current
and power is added for total system consumption. Mini-
mum and maximum values are stored and an overrange
alert with programmable thresholds minimizes the need
for software polling. Data is reported via a standard I2C
interface. Shutdown mode reduces current consumption
to 25A typically.
The LTC2992 I2C interface includes separate data input
and output pins for use with standard or opto-isolated I2C
connections. The LTC2992-1 has an inverted data output
for use with inverting opto-isolator configurations.
Dual Wide Range Power Monitor
ADC Error (GPIO)
APPLICATIONS
n
Rail-to-Rail Input Range: 0V to 100V
n
Wide Input Supply Range: 2.7V to 100V
n
Measures Current, Voltage, and Power
n
Shunt Regulator for Supplies >100V
n
8-/12-Bit ADCs with Less Than ±0.3% Total Unad-
justed Error
n
Four General Purpose Inputs/Outputs Configurable
as ADC Inputs
n
Continuous Scan and Snapshot Modes
n
Stores Minimum and Maximum Measurements
n
Alerts When Alarm Thresholds Exceeded
n
Shutdown Mode with IQ < 50A
n
Split SDA Pin Eases Opto-Isolation
n
Available in 16-Lead 4mm × 3mm DFN and MSOP
Packages
n
Telecom Infrastructure
n
Industrial Equipment
n
Automotive
n
Computer Systems and Servers
All registered trademarks and trademarks are the property of their respective owners.
VDD
LTC2992
SDAI
SDAO
SCL
GPIO4
GPIO1
GPIO2
VIN1
3V TO 100V
I2C
INTERFACE
VIN2
0V TO 100V
0.01
ALERT
2992 TA01a
SENSE2+ SENSE2–
SENSE1+ SENSE1–
0.01
0.1F
ADR0 ADR1
GND
INTVCC
GPIO3
DATAREADY
MEASURED
VOLTAGE 2
MEASURED
VOLTAGE 1
VOUT1
VOUT2
12-BIT MODE
TYPICAL
CODE
0
1024
2048
3072
4096
–0.50
–0.25
0
0.25
0.50
2992 TA01b
MAX ERROR


Similar Part No. - LTC2992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990 LINER-LTC2990 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
Quad I2C Voltage, Current and Temperature Monitor
11/18-REV.F
LTC2990 AD-LTC2990 Datasheet
3Mb / 90P
Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results

Similar Description - LTC2992

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
Precision wide input range current monitor
JUNE 2007
ZXCT1051 DIODES-ZXCT1051 Datasheet
679Kb / 10P
Precision wide input range current monitor
NOVEMBER 2006
logo
Linear Technology
LTC2945 LINER-LTC2945 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2945 LINER-LTC2945_15 Datasheet
818Kb / 34P
Wide Range I2C Power Monitor
LTC2946 LINER-LTC2946_15 Datasheet
467Kb / 42P
Wide Range I2C Power, Charge and Energy Monitor
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
Wide Power Supply Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com