Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 2 Page - Linear Technology

  LTC2992 Datasheet HTML 1Page - Linear Technology LTC2992 Datasheet HTML 2Page - Linear Technology LTC2992 Datasheet HTML 3Page - Linear Technology LTC2992 Datasheet HTML 4Page - Linear Technology LTC2992 Datasheet HTML 5Page - Linear Technology LTC2992 Datasheet HTML 6Page - Linear Technology LTC2992 Datasheet HTML 7Page - Linear Technology LTC2992 Datasheet HTML 8Page - Linear Technology LTC2992 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
LTC2992
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VDD ...................................................... –0.3V to 100V
INTVCC (Note 3) .....–0.3V to Lesser of 5.8V, VDD + 0.3V
Analog Input Voltages
SENSEn+, SENSEn– .................................–1V to 100V
SENSEn+ to SENSEn– ..................................–1V to 1V
ADR0, ADR1 ............................................ –0.3V to 7V
GPIO1-4 ................................................... –0.3V to 7V
Digital Input/Output Voltages
SCL, SDAI (Note 4)............................... –0.3V to 5.9V
SDAO, SDAO, GPIO1-4............................. –0.3V to 7V
(Notes 1, 2)
LTC2992
LTC2992
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
SENSE2–
SENSE2+
GPIO2
GPIO4
GND
SDAO
SDAI
SCL
SENSE1–
SENSE1+
GPIO1
GPIO3
ADR1
ADR0
INTVCC
VDD
TOP VIEW
DE PACKAGE
16-LEAD (4mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 17) PCB GND CONNECTION IS OPTIONAL
1
2
3
4
5
6
7
8
SENSE1–
SENSE1+
GPIO1
GPIO3
ADR1
ADR0
INTVCC
VDD
16
15
14
13
12
11
10
9
SENSE2–
SENSE2+
GPIO2
GPIO4
GND
SDAO
SDAI
SCL
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W, θJC = 21°C/W
LTC2992-1
LTC2992-1
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
SENSE2–
SENSE2+
GPIO2
GPIO4
GND
SDAO
SDAI
SCL
SENSE1–
SENSE1+
GPIO1
GPIO3
ADR1
ADR0
INTVCC
VDD
TOP VIEW
DE PACKAGE
16-LEAD (4mm × 3mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 17) PCB GND CONNECTION IS OPTIONAL
1
2
3
4
5
6
7
8
SENSE1–
SENSE1+
GPIO1
GPIO3
ADR1
ADR0
INTVCC
VDD
16
15
14
13
12
11
10
9
SENSE2–
SENSE2+
GPIO2
GPIO4
GND
SDAO
SDAI
SCL
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W, θJC = 21°C/W
Average Pin Currents
INTVCC.............................................. –10mA to 35mA
SCL, SDAI............................................................5mA
SDAO, SDAO, GPIO1-4.......................................20mA
Operating Junction Temperature Range
LTC2992C................................................ 0°C to 70°C
LTC2992I .............................................–40°C to 85°C
LTC2992H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)
MS Package Only..............................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com