Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 18Page - Linear Technology LTC2992 Datasheet HTML 19Page - Linear Technology LTC2992 Datasheet HTML 20Page - Linear Technology LTC2992 Datasheet HTML 21Page - Linear Technology LTC2992 Datasheet HTML 22Page - Linear Technology LTC2992 Datasheet HTML 23Page - Linear Technology LTC2992 Datasheet HTML 24Page - Linear Technology LTC2992 Datasheet HTML 25Page - Linear Technology LTC2992 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
LTC2992
22
Rev A
For more information www.analog.com
is not pulled low again until the fault registers indicate a
different fault has occurred or the original fault is cleared
and it occurs again. Note that this means repeated or
continuing faults will not generate additional alerts until
the associated fault register bits have been cleared.
Figure 15. Serial Bus SDA Alert Response Protocol
open-drain opto-isolators can use the LTC2992 with the
SDAI and SDAO pins separated, as shown in Figure 16.
Connect SDAI to the output of the incoming opto-isolator
with a pull-up resistor to INTVCC or a local 5V supply; con-
nect SDAO to the cathode of the outgoing opto-isolator
with a current-limiting resistor in series with the anode.
The input and output must be connected together on the
isolated side of the bus to allow the LTC2992 to participate
in I2C arbitration. Note that maximum I2C bus speed will
generally be limited by the speed of the opto-couplers
used in this application.
Figure 17 shows an alternate connection for use with low
speed opto-couplers and the LTC2992-1. This circuit uses
a limited-current pull-up on the internally clamped SDAI
pin and clamps the SDAO pin with the input diode of the
outgoing opto-isolator, removing the need to use INTVCC
for biasing in the absence of a separate low voltage sup-
ply. For proper clamping:
VIN(MAX) – VSDA,SCL(MIN)
ISDA,SCL(MAX)
≤R4≤
VIN(MIN) – VSDA,SCL(MAX)
ISDA,SCL(MIN)
VIN(MAX) – 5.9V
5mA
≤R4≤
VIN(MIN) – 6.9V
0.5mA
(1)
As an example, a supply that operates from 36V to 72V
would require the value of R4 to be between 13k and
58k. The LTC2992-1 must be used in this application
to ensure that SDAO signal polarity is correct. R4 may
APPLICATIONS INFORMATION
SCL
5V
SDAI
SDAO
GND
LTC2992
SCL
3.3V
VDD
SDA
GND
µP
1/2 MOCD207M
MOCD207M
2992 F16
R4
4.7k
R5
4.7k
R7
0.47k
R8
0.47k
R10
2k
R6
0.82k
Figure 16. Opto-Isolation of a 10kHz I2C Interface Between
LTC2992 and Microcontroller
Figure 17. Opto-Isolation of a 1.5kHz I2C Interface Between
LTC2992-1 and Microcontroller (SCL Omitted for Clarity)
VIN
48V
SDAI
SDAO
GND
LTC2992-1
3.3V
VDD
SDA
GND
µP
1/2 MOCD207M
1/2 MOCD207M
2992 F17
R4
20k
R6
0.51k
R7
2k
R5
5.1k
S
ALERT
RESPONSE
ADDRESS
R A
1
0001100
1
2992 F15
0
A P
a7:a0
DEVICE
ADDRESS
If two or more LTC2992s on the same bus are generat-
ing alerts when the ARA is broadcast, the bus master
will repeat the alert response protocol until the GPIO4
(ALERT) line is released. Standard I2C arbitration causes
the device with the highest priority (lowest address) to
reply first and the device with the lowest priority (highest
address) to reply last.
Opto-Isolating the I2C Bus
Opto-isolating a standard I2C device is complicated by the
bidirectional SDA pin. The LTC2992/LTC2992-1 minimize
thisproblembysplittingthestandardI2CSDAlineintoSDAI
(input) and SDAO (output, LTC2992) or SDAO (inverted
output,LTC2992-1).TheSCLisaninput-onlypinanddoes
not require special circuitry to isolate. For conventional
nonisolated I2C applications, use the LTC2992 and tie
the SDAI and SDAO pins together to form a standard I2C
SDA pin. Low speed isolated interfaces that use standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com