Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 36Page - Linear Technology LTC2992 Datasheet HTML 37Page - Linear Technology LTC2992 Datasheet HTML 38Page - Linear Technology LTC2992 Datasheet HTML 39Page - Linear Technology LTC2992 Datasheet HTML 40Page - Linear Technology LTC2992 Datasheet HTML 41Page - Linear Technology LTC2992 Datasheet HTML 42Page - Linear Technology LTC2992 Datasheet HTML 43Page - Linear Technology LTC2992 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
LTC2992
40
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
Power Efficiency Meter
CA
0.1µF
LTC2992
SDAI
SDAO
SCL
SENSE2–
SENSE2+
INTVCC
ADR1
ADR0
GND
GPIO1
GPIO4
GPIO2 GPIO3
VDD
SENSE1+
SENSE1–
RPU4
100k
ALERT
LTC3895
VIN
RUN
MODE
ILIM
TG
BOOST
SW
BG
SENSE+
SENSE–
VFB
ITH
DRVCC
2992 TA07
DRVSET
DRVUV
RPU3
100k
RB, 140k
RPU2
100k
OVLO
PINS NOT USED IN LTC3895 CIRCUIT:
CLKOUT, PLLIN, PHASMD, PGOOD, VPRG
MTOP, MBOT: BSC520N15NS3G
DEXT: DIODES INC. SMAZ12-13-F
L1: WURTH 7443633300
COUTA: SUNCON 35CE68LX
NDRV
INTVCC
CRUMP_EN
SS
EXTVCC
CB
0.1µF
L1, 33µH
FREQ
GND
GND
GND
GND
CSNS
1nF
MBOT
MTOP
×2
CITHB
100pF
CITHA
4.7nF
RFREQ
30.1k
RDRV
80.6k
RITH
10k
RA
10k
CEXT
1µF
RPU1
100k
CINA
100µF
RSENSE1
10m
RSENSE2
6m
VIN
14V TO 100V
I2C
INTERFACE
+
CINB
0.47µF
×4
CINTVCC
0.1µF
CDRVCC
4.7µF
CSS
0.1µF
COUTA
150µF
×2
VOUT
12V
5A
+
COUTB
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com