Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 32Page - Linear Technology LTC2992 Datasheet HTML 33Page - Linear Technology LTC2992 Datasheet HTML 34Page - Linear Technology LTC2992 Datasheet HTML 35Page - Linear Technology LTC2992 Datasheet HTML 36Page - Linear Technology LTC2992 Datasheet HTML 37Page - Linear Technology LTC2992 Datasheet HTML 38Page - Linear Technology LTC2992 Datasheet HTML 39Page - Linear Technology LTC2992 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
LTC2992
36
Rev A
For more information www.analog.com
TYPICAL APPLICATIONS
–48V Redundant Feed with Transient Protection to 200V (1.5kHz I2C Interface)
High Side and Low Side Current Sensing on a Wide Range Supply
RSENSE1
0.01
RSENSE2
0.01
2992 TA03
ADR1
GND
LTC2992
VDD
INTVCC
ADR0
SDAO
SCL
SDAI
C1
1µF
R1
40.2k
1%
GPIO1
GPIO2
GPIO4
GPIO3
ALERT
GP OUTPUT
I2C
INTERFACE
VIN
7V TO
100V
SENSE2– SENSE2+
SENSE1+ SENSE1–
R3
19.1k
1%
VISHAY
NTCS0402E3104*HT
100k AT 25°C
1%
R2
10k
1%
R4
20k
1%
+
–
LOAD
5A
T(°C) = 41.51 • (
– 0.1233), 20°C < T < 60°C
EPE
E
CODEGPIO
CODEGPIO2
GPIO2
GND
GPIO4
SDAO
ADR0
ADR1
SDAI
SCL
LTC2992-1
VDD
INTVCC
GPIO1
GPIO3
TEMPERATURE
SENSOR
SENSE1– SENSE1+
SENSE2– SENSE2+
RSENSE1
0.01
RSENSE2
0.01
MBR20200*
MBR20200*
MOCD207M
MOCD207M
VOUT
5A
2992 TA02
ALERT
R3
1k
R4
0.51k
R1
2k
R9
0.51k
R10
0.51k
R11
2k
R12
2k
R13
10k
VDD
3.3V
INT
SDA
SCL
GND
µP
C1
1µF
VIN1
–48V
VIN2
–48V
R8
20k
R7
20k
R6
1M
RTN1
RTN2
R5
1M
*APPROPRIATELY SIZED HEAT SINK IS REQUIRED
RSHUNT2
9.1k
1W
RSHUNT1
9.1k
1W
R2
2k
MBR20200*
MBR20200*
R14
100
Q1, PZTA42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com