Electronic Components Datasheet Search
  English  ▼

X  

LTC2992 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2992
Description  Dual Wide Range Power Monitor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2992 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2992 Datasheet HTML 16Page - Linear Technology LTC2992 Datasheet HTML 17Page - Linear Technology LTC2992 Datasheet HTML 18Page - Linear Technology LTC2992 Datasheet HTML 19Page - Linear Technology LTC2992 Datasheet HTML 20Page - Linear Technology LTC2992 Datasheet HTML 21Page - Linear Technology LTC2992 Datasheet HTML 22Page - Linear Technology LTC2992 Datasheet HTML 23Page - Linear Technology LTC2992 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
LTC2992
20
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
the read byte command is available to the 0xE7 and 0xE8
(MFR_SPECIAL_ID) registers (Table 4).
I2C Device Addressing
Nine distinct I2C bus addresses are configurable using
the three-state pins ADR0 and ADR1, as shown in Table
3. ADR0 and ADR1 should be tied to INTVCC, to GND, or
left floating (NC) to configure the lower four address bits.
During low power shutdown, the address select state
is latched into memory powered from standby supply.
Address bits a6, a5 and a4 are permanently set to 110
and the least significant bit is the R/W bit. In addition, all
LTC2992 devices will respond to a common mass write
address (1100110)b; this allows the bus master to write
to several LTC2992s simultaneously, regardless of their
individualaddresssettings.TheLTC2992willalsorespond
to the standard SMBus ARA address (0001100)b if the
GPIO4 (ALERT) pin is asserted. See the Alert Response
Protocol section for more details. The LTC2992 will not
respond to the ARA address if no alerts are pending.
Start and Stop Conditions
When the I2C bus is idle, both SCL and SDA are in the high
state. A bus master signals the beginning of a transmis-
sion with a START condition by transitioning SDA from
high to low while SCL stays high. When the master has
finished communicating with the slave, it issues a STOP
Figure 8. General Data Transfer Over I2C
Figure 9. Serial Bus SDA Write Byte Protocol
Figure 10. Serial Bus SDA Write Word Protocol
Figure 11. Serial Bus SDA Write Page Protocol
Figure 12. Serial Bus SDA Read Byte Protocol
Figure 14. Serial Bus SDA Read Page Protocol
Figure 13. Serial Bus SDA Read Word Protocol
SDA
SCL
S
P
a6 - a0
b7 - b0
b7 - b0
1 - 7
1 - 7
1 - 7
8
8
8
9
9
9
START
CONDITION
STOP
CONDITION
ADDRESS
ACK
DATA
DATA
ACK
ACK
R/W
2992 F08
S ADDRESS
1 1 0 a3:a0
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
COMMAND
DATA
b7:b0
0
W
0
0
0
b7:b0
A
A
A P
2992 F09
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
S ADDRESS
1 1 0 a3:a0
COMMAND
DATA
DATA
b7:b0
0
W
0
0
0
0
2992 F10
b7:b0
b7:b0
A
A
A
A P
S ADDRESS
1 1 0 a3:a0
COMMAND
0
b7:b0
0
W
0
0
2992 F11
A
A
A P
b7:b0
DATA
0
A
b7:b0
DATA
0
A
...
...
b7:b0
DATA
S ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S ADDRESS R A
b7:b0 1
DATA
b7:b0
0
W
0
0
2992 F12
A
A
A P
S ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S ADDRESS R A
b7:b0
1
DATA
b7:b0
0
W
0
0
2992 F13
A
0
A
b7:b0
DATA
A
A P
S ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S ADDRESS R A
b7:b0
1
DATA
b7:b0
0
W
0
0
2992 F14
A
0
A
b7:b0
DATA
A
A P
...
...
b7:b0
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com