Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology LTC3265 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3265
6
3265fa
For more information www.linear.com/LTC3265
LDO+ Load Regulation
ADJ– Pin Voltage vs Temperature
LDO– Dropout Voltage
vs Temperature
LDO– Load Regulation
LDO+ Rejection of VOUT+ Ripple
ADJ+ Pin Voltage vs Temperature
LDO– Rejection of VOUT– Ripple
LDO+ Dropout Voltage
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, CBST = CINV = 1µF, CIN_P = CIN_N =
COUT+ = COUT– = CLDO+ = CLDO– = 10µF, unless otherwise noted.
VOUT– Voltage Loss vs Output
Current (Constant Frequency Mode)
LOAD CURRENT (mA)
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3265 G13
RT = GND
RT = 1.2MΩ
RT = 200kΩ
VIN_P = VIN_N = 10V
TEMPERATURE (°C)
–50
0
50
100
150
1.176
1.184
1.192
1.200
1.208
1.216
1.224
3265 G14
VIN_P = 10V
ILDO+ = 1mA
TEMPERATURE (°C)
–50
0
50
100
150
0
100
200
300
400
500
600
700
3265 G15
VIN_P = 10V
ILDO+ = 50mA
LOAD CURRENT (mA)
0.1
1
10
100
1.190
1.195
1.200
1.205
1.210
3265 G16
VIN_P = 10V
UNITY GAIN
TEMPERATURE (°C)
–50
0
50
100
150
–1.224
–1.216
–1.208
–1.200
–1.192
–1.184
–1.176
3265 G17
VIN_N = 10V
IOUT– = –1mA
TEMPERATURE (°C)
–50
0
50
100
150
0
50
100
150
200
250
3265 G18
VIN_N = 10V
ILDO– = –50mA
LOAD CURRENT (mA)
0.1
1
10
100
–1.210
–1.205
–1.200
–1.195
–1.190
3265 G19
VIN_N = 10V
UNITY GAIN
VLDO+
10mV/DIV
AC-COUPLED
VOUT+
10mV/DIV
AC-COUPLED
1µs/DIV
3265 G20
VIN_P = 10V
VLDO+ = 5V
fOSC = 500kHz
ILDO+ = 50mA
VLDO–
10mV/DIV
AC-COUPLED
VOUT–
10mV/DIV
AC-COUPLED
1µs/DIV
3265 G21
VIN_N = 10V
VLDO– = –5V
fOSC = 500kHz
ILDO– = –50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com