Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 3 Page - Linear Technology

  LTC3265 Datasheet HTML 1Page - Linear Technology LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3265
3
3265fa
For more information www.linear.com/LTC3265
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN_P = VIN_N = EN+ = EN– = 10V, MODE = 0V, RT = 200kΩ
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Charge Pump
VIN_P
VIN_P Input Voltage Range
l
4.5
16
V
VUVLO
VIN_P Undervoltage Lockout Threshold
VIN_P Rising
VIN_P Falling
l
l
3.4
3.8
3.6
4
V
V
IVIN_P
VIN_P Quiescent Current
Shutdown, EN+ = EN– = 0V
MODE = VIN_P, EN– = 0V, IVOUT+ = ILDO+ = 0mA
MODE = VIN_P, IVOUT = ILDO+ = ILDO– = 0mA
MODE = 0V, IVOUT+ = 0mA
3
85
110
3
6
170
220
6
µA
µA
µA
mA
VRT
RT Regulation Voltage
1.200
V
VOUT+
VOUT+ Regulation Voltage
MODE = 10V
MODE = 0V
2 • 0.94 • VIN_P
2 • VIN_P
V
V
fOSC
Oscillator Frequency
RT = GND
450
500
550
kHz
ROUTBST
Boost Charge Pump Output Impedance
MODE = 0V, RT = GND
32
Ω
IVOUT+(SC) Max IVOUT+ Short-Circuit Current
VOUT+ = GND
l
100
220
300
mA
VMODE(H)
MODE Threshold Rising
l
1.1
2
V
VMODE(L)
MODE Threshold Falling
l
0.4
1.0
V
IMODE
MODE Pin Internal Pull-Down Current
VIN_P = MODE = 16V
0.7
µA
Inverting Charge Pump
VIN_N
VIN_N Input Voltage Range
l
4.5
32
V
IVIN_N
VIN_N Quiescent Current
Shutdown, EN– = 0V
MODE = VIN_P, IVOUT– = ILDO– = 0mA
MODE = 0V, IVOUT– = 0mA
1
25
3
3
50
5
µA
µA
mA
VOUT–
VOUT– Regulation Voltage
MODE = 10V
MODE = 0V
–0.94 • VIN_N
–VIN_N
V
V
ROUTINV
Inverting Charge Pump Output
Impedance
MODE = 0V, RT = GND
32
Ω
IVOUT–(SC) Max IVOUT– Short-Circuit Current
VOUT– = GND, |IVOUT–|
l
100
160
250
mA
Positive Regulator
LDO+ Output Voltage Range
l
1.2
32
V
VADJ+
ADJ+ Reference Voltage
ILDO+ = 1mA
l
1.176
1.200
1.224
V
IADJ+
ADJ+ Input Current
VADJ+ = 1.2V
–50
50
nA
ILDO+(SC)
LDO+ Short-Circuit Current
l
50
100
mA
Line Regulation
0.04
mV/V
Load Regulation
0.03
mV/mA
VDROPOUT+ LDO+ Dropout Voltage
ILDO+ = 50mA
400
800
mV
Output Voltage Noise
CBYP+ = 100nF
100
µVRMS
VEN+(H)
EN+ Threshold Rising
l
1.1
2
V
VEN+(L)
EN+ Threshold Falling
l
0.4
1.0
V
IEN+
EN+ Pin Internal Pull-Down Current
VIN_P = EN+ = 16V
0.7
µA
Negative Regulator
LDO– Output Voltage Range
l
–32
–1.2
V
VADJ–
ADJ– Reference Voltage
ILDO– = –1mA
l
–1.224
–1.200
–1.176
V
IADJ–
ADJ– Input Current
VADJ– = –1.2V
–50
50
nA
ILDO–(SC)
LDO– Short-Circuit Current
|ILDO–|
l
50
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com