Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 4 Page - Linear Technology

  LTC3265 Datasheet HTML 1Page - Linear Technology LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3265
4
3265fa
For more information www.linear.com/LTC3265
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN_P = VIN_N = EN+ = EN– = 10V, MODE = 0V, RT = 200kΩ
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency vs RT
Shutdown Current vs Temperature
TA = 25°C, CBST = CINV = 1µF, CIN_P = CIN_N =
COUT+ = COUT– = CLDO+ = CLDO– = 10µF, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Line Regulation
0.002
mV/V
Load Regulation
0.02
mV/mA
VDROPOUT– LDO– Dropout Voltage
ILDO– = –50mA
200
500
mV
Output Voltage Noise
CBYP– = 100nF
100
µVRMS
VEN–(H)
EN– Threshold Rising
l
1.1
2
V
VEN–(L)
EN– Threshold Falling
l
0.4
1.0
V
IEN–
EN– Pin Internal Pull-Down Current
VIN_P = VIN_N = EN– = 16V
0.7
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3265 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3265E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3265I is guaranteed over the –40°C to 125°C operating junction
temperature range, the LTC3265H is guaranteed over the –40°C to 150°C
operating junction temperature range and the LTC3265MP is guaranteed
over the –55°C to 150°C operating junction temperature range. High
junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA),
where
θJA is the package thermal impedance.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
0
100
200
300
400
500
600
3265 G01
RT = GND
RT = 200kΩ
RT (kΩ)
1
10
100
1k
10k
0
100
200
300
400
500
600
3265 G02
TEMPERATURE (°C)
–50
0
50
100
150
0
5
10
15
20
25
3265 G03
VIN_P = VIN_N
16V
4.5V
10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com