Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 1 Page - Linear Technology

  LTC3265 Datasheet HTML 1Page - Linear Technology LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3265
1
3265fa
For more information www.linear.com/LTC3265
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low Noise Dual Supply
with Boost and Inverting
Charge Pumps
The LTC®3265 is a low noise dual polarity output power
supplyincluding aboostchargepump,aninvertingcharge
pump and two low noise positive and negative LDO post
regulators. The boost charge pump powers the positive
LDO post regulator while the inverting charge pump pow-
ers the negative LDO regulator. Each LDO can provide up
to 50mA of output current. The LDO output voltages can
be adjusted using external resistor dividers.
The charge pumps employ low quiescent current
Burst Mode operation or low noise constant frequency
mode. During Burst Mode operation, the boost charge
pump regulates its output (VOUT+) to 0.94 • 2 • VIN_P while
the inverting charge pump regulates its output (VOUT–)
to –0.94 • VIN_N. In Burst Mode operation the LTC3265
draws only 135µA of quiescent current with both LDOs
on. In constant frequency mode, the boost and inverting
charge pumps produce outputs equal to 2 • VIN_P and
–VIN_N respectively and operate at a fixed 500kHz or to
a programmed value between 50kHz to 500kHz using an
external resistor. The LTC3265 is available in low profile
3mm
× 5mm × 0.75mm 18-lead DFN and thermally
enhanced 20-lead TSSOP packages.
APPLICATIONS
n
Boost Charge Pump Generates 2 • VIN_P
(VIN_P Range: 4.5V to 16V)
n
Inverting Charge Pump Generates –VIN_N
(VIN_N Range: 4.5V to 32V)
n
Low Noise Positive LDO Post Regulator Up to 50mA
n
Low Noise Negative LDO Post Regulator Up to 50mA
n
135µA Quiescent Current in Burst Mode® Operation
with Both LDO Regulators On
n
50kHz to 500kHz Programmable Oscillator Frequency
n
Stable with Ceramic Capacitors
n
Short-Circuit/Thermal Protection
n
Low Profile 3mm
× 5mm 18-Lead DFN and Thermally
Enhanced 20-Lead TSSOP Packages
n
Low Noise Bipolar/Inverting Supplies
n
Industrial/Instrumentation Low Noise Bias Generators
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Low Noise ±15V Outputs from a Single 12V Input
LDO Rejection of VOUT± Ripple
VOUT+
10mV/DIV
AC-COUPLED
VLDO+
10mV/DIV
AC-COUPLED
VLDO–
10mV/DIV
AC-COUPLED
VOUT–
10mV/DIV
AC-COUPLED
1µs/DIV
3265 TA01b
VIN_P = 12V, VIN_N = VOUT+
VLDO+ = 15V
VLDO– = –15V
fOSC = 500kHz
ILDO+ = 20mA
ILDO– = –20mA
VIN_N
CBST+ CBST–
LTC3265
RT
1µF
VOUT+
VIN_P
10µF
10µF
10µF
+15V
12V
–15V
3265 TA01a
604K
52.3k
52.3k
604K
100nF
100nF
10µF
1µF
10µF
LDO+
EN+
ADJ+
EN–
BYP+
MODE
GND
CINV+
BYP–
CINV–
ADJ–
VOUT–
LDO–


Similar Part No. - LTC3265

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3265 AD-LTC3265 Datasheet
1Mb / 14P
High Voltage Boost Charge Pump
logo
Linear Technology
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results

Similar Description - LTC3265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1682 LINER-LTC1682 Datasheet
186Kb / 12P
Doubler Charge Pumps with Low Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
SC70 Inverting Charge Pumps with Shutdown
logo
Linear Technology
LTC1682 LINER-LTC1682_15 Datasheet
202Kb / 12P
Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-3.3 LINER-LTC1682-3.3_15 Datasheet
202Kb / 12P
Doubler Charge Pumps with Low Noise Linear Regulator
LTC1682-5 LINER-LTC1682-5_15 Datasheet
202Kb / 12P
Doubler Charge Pumps with Low Noise Linear Regulator
LTC3203 LINER-LTC3203_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B LINER-LTC3203B_15 Datasheet
255Kb / 16P
500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3260 LINER-LTC3260_15 Datasheet
328Kb / 18P
Low Noise Dual Supply Inverting Charge Pump
LTC3260EMSE LINER-LTC3260EMSE Datasheet
157Kb / 6P
High Voltage, Low Noise, Dual Supply Inverting Charge Pump
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com