Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 5 Page - Linear Technology

  LTC3265 Datasheet HTML 1Page - Linear Technology LTC3265 Datasheet HTML 2Page - Linear Technology LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3265
5
3265fa
For more information www.linear.com/LTC3265
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT+ Effective Open-Loop
Resistance vs Temperature
VOUT+ Short-Circuit Current
vs Supply Voltage
VOUT+ Voltage Loss vs Output
Current (Constant Frequency Mode)
VOUT– Effective Open-Loop
Resistance vs Temperature
VOUT– Short-Circuit Current
vs Supply Voltage
Quiescent Current vs Temperature
(Burst Mode Operation)
Boost Charge Pump Quiescent
Current vs Supply Voltage (Constant
Frequency Mode)
Quiescent Current vs Temperature
(Constant Frequency Mode)
TA = 25°C, CBST = CINV = 1µF, CIN_P = CIN_N =
COUT+ = COUT– = CLDO+ = CLDO– = 10µF, unless otherwise noted.
Inverting Charge Pump Quiescent
Current vs Supply Voltage (Constant
Frequency Mode)
TEMPERATURE (°C)
–50
0
50
100
150
0
50
100
150
200
250
3265 G04
VIN_P = VIN_N = 10V, MODE = H
EN+ = 10V
EN– = 10V
EN+ = EN– = 10V
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10
3265 G05
RT = GND
RT = 1.2MΩ
RT = 200kΩ
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
0
2
4
6
8
10
12
3265 G06
RT = GND
RT = 1.2MΩ
RT = 200kΩ
TEMPERATURE (°C)
–50
0
50
100
150
0
2
4
6
8
10
12
14
16
3265 G07
RT = GND
RT = 1.2MΩ
RT = 200kΩ
VIN_P = VIN_N = 10V, EN+ = EN– = 10V
TEMPERATURE (°C)
–50
0
50
100
150
0
5
10
15
20
25
30
35
40
3265 G08
VIN_P = 10V
VIN_P = 16V
VIN_P = 4.5V
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
16
0
50
100
150
200
250
3265 G09
RT = GND
RT = 200kΩ
LOAD CURRENT (mA)
0.1
1
10
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3265 G10
RT = GND
RT = 1.2MΩ
RT = 200kΩ
VIN_P = 10V
TEMPERATURE (°C)
–50
0
50
100
150
0
5
10
15
20
25
30
35
40
45
3265 G11
RT = GND
VIN_N = 10V
VIN_N = 16V
VIN_N = 4.5V
SUPPLY VOLTAGE (V)
4
6
8
10
12
14
16
0
20
40
60
80
100
120
140
160
180
200
3265 G12
RT = GND
RT = 200kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com