Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology LTC3265 Datasheet HTML 10Page - Linear Technology LTC3265 Datasheet HTML 11Page - Linear Technology LTC3265 Datasheet HTML 12Page - Linear Technology LTC3265 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3265
9
3265fa
For more information www.linear.com/LTC3265
PIN FUNCTIONS (DFN/TSSOP)
BYP+ (Pin 15/Pin 17): LDO+ Reference Bypass Pin. Con-
nect a capacitor from BYP+ to GND to reduce LDO+ output
noise. Leave floating if unused.
ADJ+ (Pin 16/Pin 18): Feedback Input for the Positive
Low Dropout (LDO+) Regulator. This pin servos to a fixed
voltage of 1.2V when the control loop is complete.
LDO+(Pin17/Pin19):PositiveLowDropout(LDO+)Output.
This pin requires a low ESR capacitor with at least 2µF
capacitance to ground for stability.
VOUT+(Pin18/Pin20):BoostChargePumpOutputVoltage.
Inconstantfrequencymode(MODE=low)thispinisdriven
to 2 • VIN_P. In Burst Mode operation, (MODE = high) this
pin voltage is regulated to 0.94 • 2 • VIN_P using an internal
burst comparator with hysteretic control.
GND (Exposed Pad Pin 19/Exposed Pad Pin 21): Ground.
The exposed package pad is ground and must be soldered
to the PC board ground plane for proper functionality and
for rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com