Electronic Components Datasheet Search
  English  ▼

X  

LTC3265 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3265
Description  Low Noise Dual Supply with Boost and Inverting Charge Pumps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3265 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3265 Datasheet HTML 3Page - Linear Technology LTC3265 Datasheet HTML 4Page - Linear Technology LTC3265 Datasheet HTML 5Page - Linear Technology LTC3265 Datasheet HTML 6Page - Linear Technology LTC3265 Datasheet HTML 7Page - Linear Technology LTC3265 Datasheet HTML 8Page - Linear Technology LTC3265 Datasheet HTML 9Page - Linear Technology LTC3265 Datasheet HTML 10Page - Linear Technology LTC3265 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3265
7
3265fa
For more information www.linear.com/LTC3265
VOUT+ Transient (Burst Mode
Operation, MODE = H)
VOUT+ Transient
(MODE = Low to High)
VOUT– Transient (Burst Mode
Operation, MODE = H)
VOUT– Transient
(MODE = Low to High)
LDO+ Load Transient
LDO– Load Transient
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, CBST = CINV = 1µF, CIN_P = CIN_N =
COUT+ = COUT– = CLDO+ = CLDO– = 10µF, unless otherwise noted.
VLDO+
10mV/DIV
AC-COUPLED
20mA
ILDO+
2mA
40µs/DIV
3265 G22
VIN_P = 10V
VLDO+ = 5V
VLDO–
10mV/DIV
AC-COUPLED
–2mA
ILDO–
–20mA
40µs/DIV
3265 G23
VIN_N = 10V
VLDO– = –5V
VOUT+
500mV/DIV
AC-COUPLED
50mA
IOUT+
5mA
2ms/DIV
3265 G24
VIN_P = 10V
fOSC = 500kHz
VOUT+
1V/DIV
AC-COUPLED
MODE
2ms/DIV
3265 G25
VIN_P = 10V
fOSC = 500kHz
IOUT+ = 5mA
–5mA
IOUT–
–50mA
VOUT
–
500mV/DIV
AC-COUPLED
2ms/DIV
3265 G26
VIN_N = 10V
fOSC = 500kHz
MODE
VOUT–
500mV/DIV
AC-COUPLED
2ms/DIV
3265 G27
VIN_N = 10V
fOSC = 500kHz
IOUT– = –5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com