Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8494 Datasheet HTML 5Page - Linear Technology LT8494 Datasheet HTML 6Page - Linear Technology LT8494 Datasheet HTML 7Page - Linear Technology LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology LT8494 Datasheet HTML 10Page - Linear Technology LT8494 Datasheet HTML 11Page - Linear Technology LT8494 Datasheet HTML 12Page - Linear Technology LT8494 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT8494
9
8494fa
For more information www.linear.com/LT8494
OPERATION
The LT8494 is a constant-frequency, current mode
SEPIC/boost/flyback regulator. Operation can be best
understood by referring to the Block Diagram. In the Block
Diagram, the adjustable oscillator, with frequency set by
the external RT resistor, enables an RS latch, turning on
the internal power switch. An amplifier and comparator
monitor the switch current flowing through an internal
sense resistor, turning the switch off when this current
reaches a level determined by the voltage at VC. An error
amplifier adjusts the VC voltage by measuring the output
voltage through an external resistor divider tied to the FB
pin. If the error amplifier’s output voltage (VC) increases,
more current is delivered to the output; if the VC voltage
decreases, less current is delivered. An active clamp on
the VC voltage provides current limit. An internal regulator
provides power to the control circuitry.
In order to improve efficiency, the NPN power switch
driver (see Block Diagram) supplies NPN base current
from whichever of VIN and BIAS has the lower supply
voltage. However, if either of them is below 2.4V or above
34V (typical values), the power switch draws current from
the other pin. If both supply pins are below 2.4V or above
34V then switching activity is stopped.
To further optimize efficiency, the LT8494 automatically
enters Burst Mode operation in light load situations.
Between bursts, all circuitry associated with controlling
the output switch is shut down, reducing the VIN/BIAS
pin supply currents to be less than 3µA typically (see
Electrical Characteristics).
The LT8494 contains a power good comparator which
trips when the FB pin is above 92% of its regulated value.
The PG output is an open-drain transistor that is off when
the output is in regulation, allowing an external resistor to
pull the PG pin high (See Applications Information section
for details).
Several functions are provided to enable a very clean
start-up for the LT8494.
• First, the SWEN pin voltage is monitored by an internal
voltage reference to give a precise turn-on threshold.
An external resistor divider can be connected from
the input power supply to the SWEN pin to provide a
user-programmable undervoltage lockout function.
• Second, the soft-start circuitry provides for a grad-
ual ramp-up of the switch current. When the part is
brought out of shutdown, the external SS capacitor is
first discharged, and then an integrated 256k resistor
pulls the SS pin up to ~2.1V. By connecting an exter-
nal capacitor to the SS pin, the voltage ramp rate on
the pin can be set. Typical values for the soft-start
capacitor range from 100nF to 1µF.
• Finally, the frequency foldback circuit reduces the
maximum switching frequency when the FB pin is
below 1V. This feature reduces the minimum duty
cycle that the part can achieve thus allowing better
control of the switch current during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com