Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 5 Page - Linear Technology

  LT8494 Datasheet HTML 1Page - Linear Technology LT8494 Datasheet HTML 2Page - Linear Technology LT8494 Datasheet HTML 3Page - Linear Technology LT8494 Datasheet HTML 4Page - Linear Technology LT8494 Datasheet HTML 5Page - Linear Technology LT8494 Datasheet HTML 6Page - Linear Technology LT8494 Datasheet HTML 7Page - Linear Technology LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT8494
5
8494fa
For more information www.linear.com/LT8494
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit at 500kHz
Switch Current Limit at Minimum
Duty Cycle
Switch VCESAT
Minimum Switch On-Time
Feedback Voltage
Oscillator Frequency
TA = 25°C unless otherwise specified.
TEMPERATURE (°C)
–50
140
120
80
40
100
60
20
0
50
8494 G13
150
0
100
TEMPERATURE (°C)
–50
180
160
140
120
80
40
100
60
20
0
50
8494 G14
150
0
100
TEMPERATURE (°C)
–50
1.5
0.5
1.0
0.0
50
8494 G11
150
0
100
RT = 68.1k
RT = 324k
1200
1000
600
400
200
800
0
8494 G12
FB VOLTAGE (V)
0
1.0
0.7
1.2
0.5
0.2
RT = 68.1k
RT = 324k
Frequency Foldback
Minimum Switch Off-Time
DUTY CYCLE (%)
10
20
30
40
50
60
70
80
90
0.0
0.5
1.0
1.5
2.0
2.5
3.0
8494 G06
TEMPERATURE (°C)
–50
3.0
2.0
1.0
2.5
1.5
0.5
0
50
8494 G07
150
0
100
SWITCH CURRENT (A)
0
600
400
200
500
300
100
0
1.0
8494 G08
2.0
0.5
1.5
TEMPERATURE (°C)
–50
1.23
1.21
1.19
1.22
1.20
1.18
50
8494 G09
150
0
100
Transient Load Response, Load
Current is Stepped from 300mA
to 500mA
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
500µs/DIV
8494 G19
VOUT
50mV/DIV
IL
0.5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com