Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 2 Page - Linear Technology

  LT8494 Datasheet HTML 1Page - Linear Technology LT8494 Datasheet HTML 2Page - Linear Technology LT8494 Datasheet HTML 3Page - Linear Technology LT8494 Datasheet HTML 4Page - Linear Technology LT8494 Datasheet HTML 5Page - Linear Technology LT8494 Datasheet HTML 6Page - Linear Technology LT8494 Datasheet HTML 7Page - Linear Technology LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8494
2
8494fa
For more information www.linear.com/LT8494
ABSOLUTE MAXIMUM RATINGS
VIN, BIAS Voltage......................................................60V
SWEN Voltage...........................................................60V
FB Voltage.................................................................60V
SW Voltage ...............................................................70V
PG Voltage ..................................................................6V
RT Voltage ..................................................................6V
SS Voltage ..................................................................3V
Operating Junction Temperature Range
LT8494E, LT8494I (Notes 2, 3).......... –40°C to 125°C
LT8494H (Notes 2, 3) ........................ –40°C to 150°C
Storage Temperature Range .............. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package .......................................................300°C
(Note 1)
ORDER INFORMATION
20 19 18 17 16
6
7
8
TOP VIEW
21
GND
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9 10
5
4
3
2
1
11
12
13
14
15
SS
RT
GND
GND
NC
GND
GND
GND
SW
GND
θJA = 47°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
BIAS
FB
FB
NC
NC
NC
PG
SS
NC
RT
SW
NC
VIN
NC
GND
NC
GND
NC
SWEN
NC
21
GND
θJA = 38°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8494EUF#PBF
LT8494EUF#TRPBF
8494
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT8494IUF#PBF
LT8494IUF#TRPBF
8494
20-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT8494EFE#PBF
LT8494EFE#TRPBF
LT8494FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8494IFE#PBF
LT8494IFE#TRPBF
LT8494FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8494HFE#PBF
LT8494HFE#TRPBF
LT8494FE
20-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LT8494#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com