Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 3 Page - Linear Technology

  LT8494 Datasheet HTML 1Page - Linear Technology LT8494 Datasheet HTML 2Page - Linear Technology LT8494 Datasheet HTML 3Page - Linear Technology LT8494 Datasheet HTML 4Page - Linear Technology LT8494 Datasheet HTML 5Page - Linear Technology LT8494 Datasheet HTML 6Page - Linear Technology LT8494 Datasheet HTML 7Page - Linear Technology LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8494
3
8494fa
For more information www.linear.com/LT8494
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VSWEN = 12V, VBIAS = 5V, unless otherwise noted (Note 2).
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Operating Voltages
VBIAS < 2.5V
VBIAS ≥ 2.5V
l
l
2.4
2.5
0
V
V
Minimum BIAS Operating Voltages
VIN < 2.5V
VIN ≥ 2.5V
l
l
2.4
2.5
0
V
V
Power Switch Driver (PSD) Overvoltage Threshold
(Note 4)
VIN or BIAS Rising
VIN or BIAS Falling
l
l
32.1
32
34
33.9
36.5
36.4
V
V
Power Switch Driver (PSD) Overvoltage Threshold
Hysteresis (Note 4)
100
mV
Quiescent Current from VIN
VSWEN = 0V
VSWEN = 5V, VFB = 1.25V
VSWEN = 5V, VFB = 1.25V (LT8494E, LT8494I)
VSWEN = 5V, VFB = 1.25V (LT8494H)
l
l
0.3
3.0
3.0
3.0
0.9
4.8
6.2
8.0
µA
µA
µA
µA
Quiescent Current from BIAS
VSWEN = 0V
VSWEN = 5V, VFB = 1.25V
VSWEN = 5V, VFB = 1.25V (LT8494E, LT8494I)
VSWEN = 5V, VFB = 1.25V (LT8494H)
l
l
0.07
1.7
1.7
1.7
0.5
2.8
3.5
10
µA
µA
µA
µA
BIAS to VIN Comparator Threshold
VBIAS-VIN, VBIAS Rising, VIN = 12V
VBIAS-VIN, VBIAS Falling, VIN = 12V
Hysteresis (Rising-Falling Threshold)
l
l
l
0.55
0.17
0.20
0.9
0.37
0.53
1.2
0.57
0.8
V
V
V
Feedback Voltage
l
1.178
1.202
1.230
V
FB Pin Bias Current (Note 7)
VFB = 1.202V
0.1
20
nA
FB Voltage Line Regulation
5V ≤ VIN ≤ 32V, BIAS = 5V
5V ≤ VIN ≤ 32V, BIAS = 0V
0.2
0.2
10
10
m%/V
m%/V
Minimum Switch Off-Time
70
ns
Minimum Switch On-Time
95
ns
Switching Frequency
RT = 68.1k
RT = 324k
l
l
0.92
219
1.0
250
1.06
280
MHz
kHz
Switch Current Limit at Minimum Duty Cycle (Note 5)
l
2.1
2.55
2.95
A
Switch Current Limit at Maximum Duty Cycle (Note 6)
l
1.3
1.85
2.4
A
Switch VCESAT
ISW = 1.2A
340
mV
Switch Leakage Current (Note 7)
VSW = 12V, VSWEN = 0V
0.01
1
μA
Soft-Start Charging Current (Note 7)
VSS = 100mV
l
5.2
8.2
12.2
μA
SWEN Pin Current (Note 7)
VSWEN = 1.2V
VSWEN = 5V
VSWEN = 12V
0
35
240
25
200
550
nA
nA
nA
SWEN Rising Voltage Threshold
l
0.9
1
1.1
V
SWEN Voltage Hysteresis
30
mV
PG Threshold as % of VFB Regulation Voltage
VFB Rising
VFB Falling
l
l
86
82
92
88
97
93
%
%
PG Hysteresis
46
mV
PG Output Voltage Low
ISINK = 1.25mA
ISINK = 100μA, VBIAS = 0V, VIN = 1.3V
ISINK = 100μA, VBIAS = 1.3V, VIN = 0V
l
l
l
33
15
15
150
150
150
mV
mV
mV
PG Leakage Current
VPG = 5V (LT8494E, LT8494I)
VPG = 5V (LT8494H)
l
l
0
0
0.3
1.0
μA
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com