Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8494 Datasheet HTML 15Page - Linear Technology LT8494 Datasheet HTML 16Page - Linear Technology LT8494 Datasheet HTML 17Page - Linear Technology LT8494 Datasheet HTML 18Page - Linear Technology LT8494 Datasheet HTML 19Page - Linear Technology LT8494 Datasheet HTML 20Page - Linear Technology LT8494 Datasheet HTML 21Page - Linear Technology LT8494 Datasheet HTML 22Page - Linear Technology LT8494 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT8494
19
8494fa
For more information www.linear.com/LT8494
TYPICAL APPLICATIONS
750kHz, 16V to 32V Input, 48V Output, 0.5A Boost Converter
450kHz, 5V Output SEPIC Converter (Same as Front Page Application)
L1
22µH
C1: 2.2µF, 50V, X5R, 1206
C2: 4.7µF, 100V, X7R, 1210
D1: ONSEMI MBRA2H100
L1: WURTH LHMI 74437349220
D1
0.2µF
10pF
VIN
16V TO 32V
VOUT
48V
0.5A
SW
FB
BIAS
GND
VIN
SWEN
RT
PG
SS
1M
25.5k
8494 TA02a
93.1k
LT8494
C2
4.7µF
×2
C1
2.2µF
LOAD CURRENT (mA)
0
100
200
300
400
500
70
75
80
85
90
95
100
8494 TA02b
VIN = 24V
200µs/DIV
8494 TA02d
VOUT
0.5V/DIV
AC-COUPLED
IL
0.5A/DIV
VIN = 24V
96 LOAD
5ms/DIV
8494 TA02e
VOUT
20V/DIV
VSS
0.5V/DIV
IL
0.5A/DIV
Efficiency, VIN = 24V
Transient Response with 400mA to
500mA to 400mA Output Load Step
Start-Up Waveforms
L1
15µH
C1: 4.7µF, 100V, X5R, 1206
C3: 2.2µF, 100V, X5R, 1206
C2: TAIYO YUDEN, EMK325BJ476MM-T
D1: ONSEMI MBRA2H100
L1, L2: COILTRONICS DRQ125-150-R
D1
1µF
4.7pF
VIN
3V TO 60V
(3V TO 32V
FOR START-UP)
VOUT
5V
0.35A (VIN = 3V)
0.6A (VIN = 5V)
1.0A (VIN > 12V)
SW
BIAS
FB
GND
VIN
SWEN
RT
PG
SS
316k
1M
8494 TA02c
169k
LT8494
C2
47µF
×2
C3
2.2µF
C1
4.7µF
•
L2
15µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com