Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology LT8494 Datasheet HTML 10Page - Linear Technology LT8494 Datasheet HTML 11Page - Linear Technology LT8494 Datasheet HTML 12Page - Linear Technology LT8494 Datasheet HTML 13Page - Linear Technology LT8494 Datasheet HTML 14Page - Linear Technology LT8494 Datasheet HTML 15Page - Linear Technology LT8494 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT8494
12
8494fa
For more information www.linear.com/LT8494
APPLICATIONS INFORMATION
Adequate Load Current: Small value inductors result in
increased ripple currents and thus, due to the limited peak
switch current, decrease the average current that can be
provided to a load (IOUT). In order to provide adequate
load current, L should be at least:
L >
DC• VIN
2 f
( ) ILIM – VOUT •IOUT
VIN • η


For boost topologies, or:
L >
DC• VIN
2 f
( ) ILIM – VOUT •IOUT
VIN • η
–IOUT


for the SEPIC topologies.
where:
L = L1||L2 for the uncoupled SEPIC topology
DC = switch duty cycle (see previous section)
ILIM = switch current limit, typically about 2.35A
at 50% duty cycle (see the Typical Performance
Characteristics section)
η = power conversion efficiency (typically 85% to
90% for boost and 80% to 85% for SEPIC at high
currents)
f = switching frequency
Negative values of L indicate that the output load cur-
rent IOUT exceeds the switch current limit capability of
the LT8494.
Avoiding Subharmonic Oscillations: The internal slope
compensation circuit of LT8494 helps prevent the subhar-
monic oscillations that can occur when the duty cycle is
greater than 50%, provided that the inductance exceeds
a minimum value. In applications that operate with duty
cycles greater than 50%, the inductance must be at least:
L >
VIN – VCESAT
(
)• 2DC–1
(
)
0.76 • 1.5•DC+1
(
)•f• 1–DC
(
)
for boost and coupled inductor SEPIC, or:
L1||L2 >
VIN – VCESAT
(
)• 2DC–1
(
)
0.76 • 1.5•DC+1
(
)•f• 1–DC
(
)
for the uncoupled inductor SEPIC topologies.
Maximum Inductance: Excessive inductance can reduce
current ripple to levels that are difficult for the current
comparator (A2 in the Block Diagram) to cleanly discrimi-
nate, thus causing duty cycle jitter and/or poor regulation.
The maximum inductance can be calculated by:
LMAX =
VIN – VCESAT
IMIN(RIPPLE)
•
DC
f
where LMAX is L1||L2 for uncoupled SEPIC topologies and
IMIN(RIPPLE) is typically 150mA.
Current Rating: Finally, the inductor(s) must have a rating
greater than its peak operating current to prevent inductor
saturation resulting in efficiency loss.
In steady state, the peak and average input inductor cur-
rents (continuous conduction mode only) are given by:
IL1(PEAK) =
VOUT •IOUT
VIN • η
+ VIN •DC
2•L1• f
IL1(AVG) =
VOUT •IOUT
VIN • η
for the boost and uncoupled inductor SEPIC topology.
For uncoupled SEPIC topologies, the peak and average
currents of the output inductor L2 are given by:
IL2(PEAK) =IOUT +
VOUT • 1–DC
(
)
2•L2• f
IL2(AVG) =IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com