Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8494 Datasheet HTML 18Page - Linear Technology LT8494 Datasheet HTML 19Page - Linear Technology LT8494 Datasheet HTML 20Page - Linear Technology LT8494 Datasheet HTML 21Page - Linear Technology LT8494 Datasheet HTML 22Page - Linear Technology LT8494 Datasheet HTML 23Page - Linear Technology LT8494 Datasheet HTML 24Page - Linear Technology LT8494 Datasheet HTML 25Page - Linear Technology LT8494 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT8494
22
8494fa
For more information www.linear.com/LT8494
TYPICAL APPLICATIONS
1.5MHz, 12V Output SEPIC Converter
L1
4.7µH
L2
4.7µH
C1, C3: 2.2µF, 50V, X5R, 1206
C2: TAIYO YUDEN TMK325BJ106MM
D1: DENTRAL SEMI CMMSH2-40
L1, L2: COILTRONICS DRQ74-4R7
1µF
4.7pF
VIN
9V TO 16V
VOUT
12V
0.5A
SW
BIAS
FB
GND
VIN
SWEN
RT
PG
SS
1M
110k
8494 TA08a
41.2k
LT8494
C2
10µF
×2
C1
2.2µF
C3
2.2µF
D1
LOAD CURRENT (mA)
0
100
200
300
400
500
8498 TA08b
50
55
60
65
70
75
80
85
90
0
300
600
900
1200
POWER LOSS
EFFICIENCY
Efficiency, VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com