Electronic Components Datasheet Search
  English  ▼

X  

LT8494 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8494
Description  SEPIC/Boost DC/DC Converter with 2A, 70V Switch, and 7關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8494 Datasheet(HTML) 1 Page - Linear Technology

  LT8494 Datasheet HTML 1Page - Linear Technology LT8494 Datasheet HTML 2Page - Linear Technology LT8494 Datasheet HTML 3Page - Linear Technology LT8494 Datasheet HTML 4Page - Linear Technology LT8494 Datasheet HTML 5Page - Linear Technology LT8494 Datasheet HTML 6Page - Linear Technology LT8494 Datasheet HTML 7Page - Linear Technology LT8494 Datasheet HTML 8Page - Linear Technology LT8494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8494
1
8494fa
For more information www.linear.com/LT8494
INPUT VOLTAGE (V)
0
12
24
36
48
60
0
5
10
15
20
8494 TA01b
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SEPIC/Boost DC/DC
Converter with 2A, 70V Switch,
and 7µA Quiescent Current
The LT®8494 is an adjustable frequency (250kHz to
1.5MHz) monolithic switching regulator. Quiescent cur-
rent can be less than 7µA when operating and is ~0.3µA
when SWEN is low. The LT8494 can be configured as
either a SEPIC, boost or flyback converter.
The low ripple Burst Mode operation maintains high
efficiency at low output current while keeping output rip-
ple below 10mV. Dual supply pins (VIN and BIAS) allow
the part to automatically operate from the most efficient
supply. Input supply voltage can be up to 60V for SEPIC
topologies and up to 32V (with ride-through up to 60V)
for boost and flyback topologies. After start-up, battery
life is extended since the part can draw current from its
output (BIAS) even when VIN voltage drops below 2.5V.
Using a resistor divider on the SWEN pin provides a pro-
grammable undervoltage lockout (UVLO) for the con-
verter. A power good flag signals when VOUT reaches 92%
of the programmed output voltage.
Additional features such as frequency foldback and soft-
start are integrated. The LT8494 is available in 20-lead
QFN and 20-lead TSSOP packages with exposed pads
for low thermal resistance. Fault tolerance in the TSSOP
allows for adjacent pin shorts or an open without raising
the output voltage above its programmed value.
450kHz, 5V Output SEPIC Converter
No-Load Supply Current
Efficiency
APPLICATIONS
n
Low Ripple Burst Mode® Operation:
n
7µA IQ at 12VIN to 5VOUT
n
Output Ripple (<10mV Typ.)
n
Dual Supply Pins:
n
Improves Efficiency
n
Reduces Minimum Supply Voltage to ~1V After
n
Start-Up to Extend Battery Life
n
Wide Input Voltage Range of ~1V to 60V (2.5V to
32V for Start-Up)
n
PG Functional for Input Supply Down to 1.3V
n
FMEA Fault Tolerant in TSSOP Package
n
Fixed Frequency PWM, SEPIC/BOOST/FLYBACK
Topologies
n
NPN Power Switch: 2A/70V
n
Programmable Switching Frequency: 250kHz to 1.5MHz
n
UVLO Programmable on SWEN Pin
n
Soft-Start Programmable with One Capacitor
n
Small 20-Lead QFN or 20-Lead TSSOP Packages
n
Automotive ECU Power
n
Power for Portable Products
n
Industrial Supplies
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
2.2µF
15µH •
15µH
1µF
VIN
3V TO 60V
VOUT
5V
0.35A (VIN = 3V)
0.6A (VIN = 5V)
1.0A (VIN > 12V)
SW
BIAS
FB
GND
VIN
SWEN
RT
PG
SS
1M
316k
8494 TA01a
169k
LT8494
47µF
×2
4.7pF
4.7µF
VIN = 12V
VIN = 24V
VIN = 5V
LOAD CURRENT (A)
0.0
0.2
0.4
0.6
0.8
1.0
60
65
70
75
80
85
90
8494 TA01c


Similar Part No. - LT8494

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8494 AD-LT8494 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8494 AD-LT8494 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8494 AD-LT8494 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8494 AD-LT8494 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results

Similar Description - LT8494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8495 LINER-LT8495_15 Datasheet
1,005Kb / 34P
SEPIC/Boost Converter with 2A, 70V Switch, 9A Quiescent Current, POR and Watchdog Timer
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LT8495 LINER-LT8495 Datasheet
335Kb / 6P
SEPIC/Boost Converter with 2A, 70V Switch, 9關A Quiescent Current, POR and Watchdog Timer
LTC3130EUD LINER-LTC3130EUD Datasheet
330Kb / 6P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130EUD-1 LINER-LTC3130EUD-1 Datasheet
558Kb / 6P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3130 LINER-LTC3130 Datasheet
1Mb / 38P
25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com