Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 3Page - Linear Technology LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology LTC3111 Datasheet HTML 10Page - Linear Technology LTC3111 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3111
7
3111fa
For more information www.linear.com/LTC3111
TYPICAL PERFORMANCE CHARACTERISTICS
5VIN to 5VOUT Burst to PWM
Response
12VIN to 5VOUT Burst Mode VOUT
Ripple
12VIN to 5VOUT PWM VOUT Ripple
7.5VIN to 5VOUT Start-Up
Response
1.5MHz SYNC Signal Capture and
Release
12VIN to 5VOUT SW1 and SW2
Waveforms
3VIN to 5VOUT 0.05A to 0.25A
Load Response
5VIN to 5VOUT 0.05A to 0.5A
Load Response
12VIN to 5VOUT 0.05A to 0.5A
Load Response
TA = 25°C, VIN = 5V, VOUT = 5V, unless otherwise specified
VOUT
200mV/DIV
INDUCTOR
CURRENT
500mA/DIV
LOAD
CURRENT
200mA/DIV
500µs/DIV
FRONT PAGE APPLICATION
3111 G24
VOUT
200mV/DIV
INDUCTOR
CURRENT
500mA/DIV
LOAD
CURRENT
500mA/DIV
500µs/DIV
FRONT PAGE APPLICATION
3111 G25
VOUT
500mV/DIV
INDUCTOR
CURRENT
1A/DIV
LOAD
CURRENT
500mA/DIV
500µs/DIV
FRONT PAGE APPLICATION
3111 G26
VOUT
200mV/DIV
PWM/SYNC
5V/DIV
INDUCTOR
CURRENT
500mA/DIV
500µs/DIV
ILOAD = 10mA
L = 4.7µH
COUT = 22µF
3111 G27
VOUT
200mV/DIV
INDUCTOR
CURRENT
500mA/DIV
20µs/DIV
ILOAD = 50mA
L = 4.7µH
COUT = 22µF
3111 G28
VOUT
50mV/DIV
INDUCTOR
CURRENT
500mA/DIV
1µs/DIV
ILOAD = 500mA
L = 4.7µH
COUT = 22µF
3111 G29
VOUT
2V/DIV
INDUCTOR
CURRENT
1A/DIV
RUN
5V/DIV
500µs/DIV
ILOAD = 500mA
L = 4.7µH
COUT = 22µF
3111 G30
INDUCTOR
CURRENT
500mA/DIV
PWM/SYNC
5V/DIV
VOUT
200mV/DIV
100µs/DIV
3111 G31
INDUCTOR
CURRENT
500mA/DIV
SW1
10V/DIV
SW2
5V/DIV
1µs/DIV
3111 G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com