Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 18Page - Linear Technology LTC3111 Datasheet HTML 19Page - Linear Technology LTC3111 Datasheet HTML 20Page - Linear Technology LTC3111 Datasheet HTML 21Page - Linear Technology LTC3111 Datasheet HTML 22Page - Linear Technology LTC3111 Datasheet HTML 23Page - Linear Technology LTC3111 Datasheet HTML 24Page - Linear Technology LTC3111 Datasheet HTML 25Page - Linear Technology LTC3111 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC3111
22
3111fa
For more information www.linear.com/LTC3111
APPLICATIONS INFORMATION
However, with higher losses in the power stage (larger
RS) the Q factor will be lower and the phase loss will occur
more gradually. As a result, the power stage phase will
not be as close to –180° at the crossover frequency and
less phase boost is required of the compensation network.
The LTC3111 error amplifier is designed to have a fixed
maximum bandwidth in order to provide rejection of
switching noise to prevent it from interfering with the
control loop. From a frequency domain perspective, this
can be viewed as an additional single pole as illustrated
in Figure 9. The nominal frequency of this pole is 400kHz.
For typical loop crossover frequencies below about 60kHz
the phase contributed by this additional pole is negligible.
However, for loops with higher crossover frequencies this
additional phase loss should be taken into account when
designing the compensation network.
the worst-case inductor current ripple to less than 1A peak
to peak. A low ESR output capacitor with a value of 22µF
is specified to yield a worst-case output voltage ripple
(occurring at the worst-case step-up ratio and maximum
load current) of approximately 20mV. In summary, the
key power stage specifications for this LTC3111 example
application are given below.
f = 0.8MHz, tLOW = 160ns
VIN = 3.5V to 15V
VOUT = 5V at R = 10Ω
COUT = 22µF, RC = 10mΩ
L = 4.7µH, RL = 25mΩ
RS = 200mΩ
With the power stage parameters specified, the compen-
sation network can be designed. In most applications,
the most challenging compensation corner is boost
mode operation at the greatest step-up ratio and highest
load current since this generates the lowest frequency
right-half-plane zero and results in the greatest phase
loss. Therefore, a reasonable approach is to design the
compensation network at this worst-case corner and then
verify that sufficient phase margin exists across all other
operating conditions. In this example application, at VIN =
3.5V and the full 500mA load current, the right-half-plane
zero will be located at 136kHz and this will be a dominant
factor in determining the bandwidth of the control loop.
The first step in designing the compensation network is
to determine the target crossover frequency for the com-
pensated loop. A reasonable starting point is to assume
that the compensation network will generate a peak phase
boost of approximately 60°. Therefore, in order to obtain
a phase margin of 60°, the loop crossover frequency, fC,
should be selected as the frequency at which the phase
0.8V
RFILT
CFILT
3111 F09
FB
LTC3111
COMP
+
–
Figure 9. Internal Loop Filter
Loop Compensation Example
This section provides an example illustrating the design of
a compensation network for a typical LTC3111 application
circuit. In this example a 5V regulated output voltage is
generated with the ability to supply a 500mA load from an
input power source ranging from 3.5V to 15V. To reduce
switching losses a 800kHz switching frequency has been
chosen for this example. In this application the maximum
inductor current ripple will occur at the highest input volt-
age. An inductor value of 4.7µH has been chosen to limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com