Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 20Page - Linear Technology LTC3111 Datasheet HTML 21Page - Linear Technology LTC3111 Datasheet HTML 22Page - Linear Technology LTC3111 Datasheet HTML 23Page - Linear Technology LTC3111 Datasheet HTML 24Page - Linear Technology LTC3111 Datasheet HTML 25Page - Linear Technology LTC3111 Datasheet HTML 26Page - Linear Technology LTC3111 Datasheet HTML 27Page - Linear Technology LTC3111 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC3111
24
3111fa
For more information www.linear.com/LTC3111
APPLICATIONS INFORMATION
A reasonable choice is to pick the frequency of the poles,
fP, to be 50 times higher than the frequency of the zeros,
fZ, which provides a peak phase boost of approximately
60° as was assumed previously. Next, the phase boost
must be centered so that the peak phase occurs at the
targetcrossoverfrequency.Thefrequencyofthemaximum
phase boost, fCENTER, is the geometric mean of the pole
and zero frequency as:
fCENTER = fP • fZ = 50 • fZ ≅ 7• fZ
Therefore, in order to center the phase boost given a factor
of 50 separation between the pole and zero frequencies,
the zero should be located at one-seventh of the crossover
frequencyandthepolesshouldbelocatedatseventhtimes
thecrossoverfrequencyasgivenbythefollowingequation:
fZ =
fC
7
=
40kHz
7
= 5.71kHz
fP = 7• fC = 7•40kHz = 280kHz
Thisplacementofthepolesandzeroswillyieldapeakphase
boost of 60° that is centered at the crossover frequency,
fC. Next, in order to produce the desired target crossover
frequency, the gain of the compensation network at the
point of maximum phase boost, GCENTER, must be set to
–13.5dB. The gain of the compensated error amplifier at
the point of the phase gain is given by:
GCENTER =10•log
2•
π • fP
2•
π • fZ
(
)3 • R1•CFB
(
)2
dB
Assuming a multiple of 50 separation between the pole
and zero frequencies this can be simplified to the follow-
ing expression:
GCENTER = 20•log
50
2•
π • fC •R1•CFB


dB
This equation completes the set of constraints needed to
determine the compensation component values. Specifi-
cally, the two zeros, fZERO1 and fZERO2, should be located
near 5.71kHz. The two poles, fPOLE2 and fPOLE3, should be
located near 280kHz and the gain should be set to provide
a gain at the crossover frequency of GCENTER = –13.5dB.
The first step in defining the compensation component
values is to pick a value for R1 that provides an acceptably
low quiescent current through the resistor divider. A value
of R1 = 1MΩ is a reasonable choice. Next, the value of CFB
can be found in order to set the error amplifier gain at the
crossover frequency to –13.5dB as follows:
GCENTER = –13.5dB= 20•log
50
2•
π •40kHz •1MΩ•CFB
CFB =
50
2•
π •40kHz •1MΩ•10
–
13.5
20
≅ 1000pF
The compensation poles can be set at 280kHz and the
zeros at 5.71kHz by using the expressions for the pole and
zero frequencies given in the previous sections. Setting
the frequency of the first zero, fZERO1, to 5.71kHz results
in the following value for RFB:
RFB =
1
2•
π •5.71kHz•1000pF
≅ 28.0kΩ
This leaves the free parameter, CPOLE, to set frequency
fPOLE1 to the common pole frequency of 280kHz as given:
CPOLE =
1
2•
π •280kHz •28kΩ
≅ 22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com