Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology LTC3111 Datasheet HTML 10Page - Linear Technology LTC3111 Datasheet HTML 11Page - Linear Technology LTC3111 Datasheet HTML 12Page - Linear Technology LTC3111 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC3111
9
3111fa
For more information www.linear.com/LTC3111
PIN FUNCTIONS (DFN/MSOP)
COMP (Pin 1/Pin 1): Error Amp Output. An R-C network
connected from this pin to FB sets the loop compensa-
tion for the voltage converter. Refer to the Applications
Information section for component selection details.
FB (Pin 2/Pin 2): Feedback Voltage Input. Connect the
VOUTresistordividertaptothispin.Theoutputvoltagecan
be adjusted from 2.5V to 15V by the following equation:
VOUT = 0.8V • 1+
R1
R2


where R1 is the resistor between VOUT and FB and R2 is
the resistor between FB and GND
SNSGND (Pin 3/Pin 3): This pin must be connected to
ground.
RUN(Pin4/Pin4):InputtoEnableorDisabletheICandSet
Custom Input Undervoltage Lockout (UVLO) Thresholds.
The RUN pin can be driven by an external logic signal to
enable and disable the IC. In addition, the voltage on this
pin can be set by a resistive voltage divider connected to
the input supply in order to provide accurate turn-on and
turn-off (UVLO) thresholds determined by:
VIN(RUN) =1.2V • 1+
R5
R6


The IC is enabled if RUN exceeds 1.2V nominally. Once
enabled, the UVLO threshold has a built-in hysteresis of
approximately120mV,turn-offwilloccurwhenthevoltage
on RUN drops to below 1.08V nominally. To continuously
enable the IC, RUN can be tied directly to the input voltage
up to the absolute maximum rating. This pin should not
be left unconnected.
VIN (Pin 5/Pin 5): Input Supply Voltage. This pin should
be bypassed to the ground plane with at least 10µF of low
ESR, low ESL ceramic capacitance. Place this capacitor as
close to the pin as possible and provide as short a return
path to the ground plane as possible.
SW1 (Pin 6/Pin 6): The external inductor and internal
switches A and B are connected here.
BST1 (Pin 7/Pin 7): Boosted Floating Driver Supply for
A-Switch Driver. Connect a 0.1µF capacitor from this pin
to SW1.
BST2 (Pin 8/Pin 10): Boosted Floating Driver Supply for
D-Switch Driver. Connect a 0.1µF capacitor from this pin
to SW2.
SW2 (Pin 9/Pin 11): The external inductor and internal
switches C and D are connected here.
VOUT (Pin 10/Pin 12): Regulated Output Voltage. This pin
should be connected to a low ESR ceramic capacitor. The
capacitor should be placed as close to the pin as possible
and have a short return to the ground plane.
NC (Pin 11/Pin 13): Not Connected. This pin should be
connected to ground.
VCC (Pin 12/Pin 14): External Capacitor Connection for
the Regulated VCC Supply. This supply is used to operate
internal circuitry and switch drivers. VCC will track VIN up
to 4.2V typical, but will maintain this voltage when VIN >
4.2V. Connect a 1µF ceramic capacitor from this pin to
GND. This pin can be tied to an external supply up to 5.5V.
Refer to the Operation section of this data sheet under
Power VCC from an External Source for more details.
PWM/SYNC (Pin 13/Pin 15): Burst Mode Control and
Synchronization Input. A DC voltage < 0.5V commands
Burst Mode operation independent of load current, >1.5V
commands 800kHz fixed frequency mode. A digital pulse
train between 600kHz and 1.5MHz applied to this pin will
override the internal oscillator and set the operating fre-
quency. The pulse train should have a minimum high time
or low time greater than 100ns (Note 6). Note the LTC3111
has reduced power capability when operating in Burst
Mode operation. This pin should not be left unconnected.
SGND (Pin 14/Pin 16): Signal Ground. Terminate the RUN
input voltage divider and output voltage divider to SGND.
PGND(ExposedPadPin15/Pin8,9,ExposedPadPin 17)
Power Ground. The exposed pad must be soldered to
the PCB and electrically connected to ground through
the shortest and lowest impedance connection possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com