Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 1 Page - Linear Technology

  LTC3111 Datasheet HTML 1Page - Linear Technology LTC3111 Datasheet HTML 2Page - Linear Technology LTC3111 Datasheet HTML 3Page - Linear Technology LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3111
1
3111fa
For more information www.linear.com/LTC3111
LOAD CURRENT (A)
0.0001
70
80
90
100
0.001
1
10
0.01
0.1
3111 TA01b
60
50
40
30
VIN = 2.7V
VIN = 5V
VIN = 12V
BURST
PWM
TYPICAL APPLICATION
FEATURES
DESCRIPTION
15V, 1.5A Synchronous
Buck-Boost DC/DC
Converter
The LTC®3111 is a fixed frequency, synchronous buck-
boost DC/DC converter with an extended input and output
range. The unique 4-switch, single inductor architecture
provides low noise and seamless operation from input
voltages above, below or equal to the output voltage.
Withaninputandoutputrangeof2.5Vto15V,theLTC3111
is well suited for a wide variety of single or multiple-cell
batteries,back-upcapacitororwalladaptersourceapplica-
tions. Low RDS(ON) internal N-channel MOSFET switches
and selectable PWM or Burst Mode operation produce
high efficiency over a wide range of operating conditions.
An accurate RUN pin allows the user to program the
turn-on threshold voltage of the converter. Other features
include: short-circuit protection, internal soft-start and
thermal shutdown.
The LTC3111 is offered in both thermally enhanced
14-lead (3mm
× 4mm × 0.75mm) DFN and 16-lead MSOP
packages.
5V, 800kHz Wide Input Voltage Buck-Boost Regulator
APPLICATIONS
n
Regulated Output with VIN Above, Below
or Equal to VOUT
n
2.5V to 15V Input and Output Voltage Range
n
1.5A Continuous Output Current: VIN ≥ 5V,
VOUT = 5V, PWM Mode
n
Single Inductor
n
Accurate RUN Threshold
n
Up to 95% Efficiency
n
800kHz Switching Frequency, Synchronizable
Between 600kHz and 1.5MHz
n
49µA No-Load Quiescent Current in Burst Mode®
Operation
n
Output Disconnect in Shutdown
n
Shutdown Current < 1µA
n
Internal Soft-Start
n
Small, Thermally Enhanced 14-Lead (3mm
× 4mm ×
0.75mm) DFN and 16-Lead MSOP Packages
n
3.3V or 5V from 1, 2 or 3 Li-Ion, Multiple-Cell
Alkaline/NiMH Batteries
n
RF Transmitters
n
Military, Industrial Power Systems
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode, LTspice are registered
trademarks and No RSENSE and PowerPath are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 6404251, 6166527, 5481178, 6304066, 6580258.
SW1
0.1µF
27pF
1µF
33pF
1M
191k
3111 TA01a
20k
680pF
26.1k
0.1µF
VIN
2.5V TO 15V
4.7µH
SW2
BST1
BST2
VIN
LTC3111
PGND
SGND
VOUT
22µF
VOUT
5V
1.5A
(VIN > 5V)
10µF
PWM/SYNC
BURST PWM
RUN
FB
VCC
SNSGND
COMP
OFF ON
Efficiency at 5VOUT


Similar Part No. - LTC3111

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3111 AD-LTC3111 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
logo
Linear Technology
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3111

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
15V, 2.5A Synchronous Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com