Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 4 Page - Linear Technology

  LTC3111 Datasheet HTML 1Page - Linear Technology LTC3111 Datasheet HTML 2Page - Linear Technology LTC3111 Datasheet HTML 3Page - Linear Technology LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3111
4
3111fa
For more information www.linear.com/LTC3111
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Output Current
in PWM Mode vs VIN
Maximum Load Current in Burst
Mode Operation vs VIN
Wide VIN to 5VOUT Efficiency
Wide VIN to 5VOUT Power Loss
Wide VIN to 3.3VOUT Efficiency
Wide VIN to 3.3VOUT Power Loss
ELECTRICAL CHARACTERISTICS
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 4: Voltage transients on the switch pins beyond the DC limit specified
in the Absolute Maximum Ratings, are non-disruptive to normal operation
when using good layout practices, as shown on the demo board or
described in the data sheet and application notes.
Note 5: The junction temperature (TJ in °C) is calculated from the ambient
temperature (TA in °C) and power dissipation (PD in Watts) according to
the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedance.
Note 6: SYNC frequency range is tested with a square wave. Operation
with 100ns minimum high or low time is assured by design.
Note 7: Switch timing measurements are made in an open-loop test
configuration. Timing in the application may vary somewhat from these
values due to differences in the switch pin voltage during the non-overlap
durations when the switch pin voltage is influenced by the magnitude and
direction of the inductor current.
TA = 25°C, VIN = 5V, VOUT = 5V, unless otherwise specified
VIN (V)
2
0
0.2
0.6
0.8
1.0
8 9 10
12
11
14
13
2.0
1.8
3111 G01
0.4
3 4 5 6 7
15
1.2
1.4
1.6
VOUT = 3.3V, L = 4.7µH
VOUT = 5V, L = 6.8µH
VOUT = 12V, L = 10µH
INPUT CURRENT LIMIT = 2.3A
VIN (V)
2 3 4
400
600
3111 G02
200
0
5 6 7 8 9 10 11 12 13 14 15
800
300
500
100
700
VOUT = 3.3V
VOUT = 5V
VOUT = 12V
LOAD CURRENT (A)
60
50
80
100
40
70
90
0.0001
0.01
0.1
1
10
3111 G03
30
0.001
VIN = 2.7V
VIN = 5V
VIN = 12V
BURST
PWM
LOAD CURRENT (A)
0.0001
0.001
0.0001
0.001
0.1
10
0.01
0.1
1
10
3111 G04
0.01
1
VIN = 2.7V
VIN = 5V
VIN = 12V
BURST
PWM
LOAD CURRENT (A)
0.0001
0.001
70
80
90
100
0.01
1
0.1
3111 G05
60
50
40
30
VIN = 2.7V
VIN = 5V
VIN = 12V
BURST
PWM
LOAD CURRENT (A)
0.01
0.1
1
10
0.01
0.1
1
3111 G06
0.0001
0.001
0.0001
0.001
VIN = 2.7V
VIN = 5V
VIN = 12V
BURST
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com