Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 4Page - Linear Technology LTC3111 Datasheet HTML 5Page - Linear Technology LTC3111 Datasheet HTML 6Page - Linear Technology LTC3111 Datasheet HTML 7Page - Linear Technology LTC3111 Datasheet HTML 8Page - Linear Technology LTC3111 Datasheet HTML 9Page - Linear Technology LTC3111 Datasheet HTML 10Page - Linear Technology LTC3111 Datasheet HTML 11Page - Linear Technology LTC3111 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3111
8
3111fa
For more information www.linear.com/LTC3111
TYPICAL PERFORMANCE CHARACTERISTICS
3.3VOUT Die Temperature Rise vs
Continuous Load Current 4-Layer
Demo Board at 25°C
5VOUT Die Temperature Rise vs
Continuous Load Current 4-Layer
Demo Board at 25°C
12VOUT Die Temperature Rise vs
Continuous Load Current 4-Layer
Demo Board at 25°C
SW1, SW2 Minimum Low Time
vs VCC
SW1, SW2 Minimum Low Time
vs Temperature
VOUT Short-Circuit Response and
Recovery
VCC Short-Circuit Response and
Recovery
TA = 25°C, VIN = 5V, VOUT = 5V, unless otherwise specified
INDUCTOR
CURRENT
1A/DIV
VOUT
2V/DIV
1ms/DIV
3111 G33
INDUCTOR
CURRENT
1A/DIV
VCC
5V/DIV
VOUT
2V/DIV
1ms/DIV
3111 G34
SOFT-START
LOAD CURRENT (A)
0
30
40
50
1.6
3111 G35
20
10
25
35
45
15
5
0
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
VIN = 2.7V
VIN = 12V
VIN = 5V
LOAD CURRENT (A)
0
20
40
60
10
30
50
0.4
0.8
1.2
1.6
3111 G36
2.0
0.2
0
0.6
1.0
1.4
1.8
VIN = 2.7V
VIN = 12V
VIN = 5V
LOAD CURRENT (A)
0
40
50
60
1.8
1.6
3111 G37
30
20
0
0.4
0.8
1.2
0.2
2.0
0.6
1.0
1.4
10
80
70
VIN = 2.7V
VIN = 12V
VIN = 5V
VCC (V)
2
0
50
100
150
200
300
2.5
3
3.5
4
3111 G38
4.5
5
250
ILOAD = 300mA
SW1, VIN = 4V
SW2, VIN = 6V
TEMPERATURE (°C)
–50
50
70
110
130
150
250
190
0
50
3111 G39
90
210
230
170
100
150
ILOAD = 300mA
SW1, VIN = 4V
SW2, VIN = 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com