Electronic Components Datasheet Search
  English  ▼

X  

LTC3111 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3111
Description  15V, 1.5A Synchronous Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3111 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3111 Datasheet HTML 12Page - Linear Technology LTC3111 Datasheet HTML 13Page - Linear Technology LTC3111 Datasheet HTML 14Page - Linear Technology LTC3111 Datasheet HTML 15Page - Linear Technology LTC3111 Datasheet HTML 16Page - Linear Technology LTC3111 Datasheet HTML 17Page - Linear Technology LTC3111 Datasheet HTML 18Page - Linear Technology LTC3111 Datasheet HTML 19Page - Linear Technology LTC3111 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC3111
16
3111fa
For more information www.linear.com/LTC3111
APPLICATIONS INFORMATION
chosen large enough to reduce the output voltage ripple to
acceptable levels. The minimum output capacitor needed
for a given output voltage ripple (neglecting the capacitor
ESR and ESL) can be calculated by the following formulas:
∆VP-P BUCK
(
) =
ILOAD • tLOW
COUT
∆VP-P BOOST
(
) =
ILOAD
f •COUT
•
VOUT – VIN + tLOW • f• VIN
VOUT


where f is the frequency in Hz, COUT is the output capaci-
tance in μF, ILOAD is the output current in amps and tLOW
is the switch pin minimum low time in seconds, which is
typically 160ns.
In addition to output ripple generated across the output
capacitor, there is also output ripple produced across
the internal resistance of the output capacitor. The ESR-
generated output voltage ripple is proportional to the
series resistance of the output capacitor and is given by
the following expression:
∆VP-P BUCK
(
) =
ILOAD •RESR
1– tLOW • f
≅ILOAD •RESR
∆VP-P BOOST
(
) =
ILOAD •RESR • VOUT
VIN 1– tLOW • f
(
)
≅
ILOAD •RESR • VOUT
VIN
where RESR is the series resistor of the output capacitor
and all other terms are as previously defined.
Input Capacitor Selection
It is recommended that a low ESR ceramic capacitor with
a value of at least 10μF be located as close to the VIN pin
as possible. In addition, the return trace from the pin to
the ground plane should be made as short as possible.
It is important to minimize any stray resistance from the
converter to the battery or power source. If cabling is
required to connect the LTC3111 to the battery or power
supply, a higher ESR capacitor or a series resistor with a
low ESR capacitor in parallel with the low ESR capacitor
may be required to damp out ringing caused by the cable
inductance.
Capacitor Vendor Information
Both the input bypass capacitors and output capacitors
used with the LTC3111 must be low ESR and designed
to handle the large AC currents generated by switching
converters.Thisisimportanttomaintainproperfunctioning
of the IC and to reduce input/output ripple. Many modern
low voltage ceramic capacitors experience significant
loss in capacitance from their rated value with increased
DC bias voltages. For example, it is not uncommon for a
small surface mount ceramic capacitor to lose more than
50% of its rated capacitance when operated near its rated
voltage. As a result, it is sometimes necessary to use a
larger value capacitance or a capacitor with a larger case
size than required in order to actually realize the intended
capacitance at the full operating voltage. For details, con-
sult the capacitor vendor’s curve of capacitance versus
DC bias voltage.
The capacitors listed in Table 2 provide a sampling of small
surface mount ceramic capacitors that are well suited to
LTC3111applicationcircuits.Alllistedcapacitorsareeither
X5R or X7R dielectric in order to ensure that capacitance
loss over temperature is minimized.
Table 2. Representative Bypass and Output Capacitors
PART NUMBER
VALUE
(μF)
VOLTAGE
(V)
SIZE (mm) L
× W × H
(FOOTPRINT)
AVX
12103D226MAT2A
22
25
3.2
× 2.5 × 2.79
X5R Ceramic
Kemet
C220X226K3RACTU
A700D226M016ATE030
22
22
25
16
5.7
× 5.0 × 2.4
X7R Ceramic
7.3
× 4.3 × 2.8
Al Poly, 25mΩ
Murata
GRM32ER71E226KE15L
22
25
3.2
× 2.5 × 2.5
X7R Ceramic
Panasonic
ECJ-4YB1E226M
22
25
3.2
× 2.5 × 2.5
X5R Ceramic
Sanyo
25SVPF47M
47
25
6.6
× 6.6 × 5.9
OS-CON, 30mΩ
Vishay
94SVPD476X0035F12
47
35
10.3
× 10.3 × 12.6
OS-CON, 30mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com