Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 1 Page - Linear Technology

  LTC3118 Datasheet HTML 1Page - Linear Technology LTC3118 Datasheet HTML 2Page - Linear Technology LTC3118 Datasheet HTML 3Page - Linear Technology LTC3118 Datasheet HTML 4Page - Linear Technology LTC3118 Datasheet HTML 5Page - Linear Technology LTC3118 Datasheet HTML 6Page - Linear Technology LTC3118 Datasheet HTML 7Page - Linear Technology LTC3118 Datasheet HTML 8Page - Linear Technology LTC3118 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC3118
1
3118fa
For more information www.linear.com/LTC3118
Typical applicaTion
FeaTures
DescripTion
18V, 2A Buck-Boost DC/DC
Converter with Low Loss
Dual Input PowerPath
The LTC®3118 is a dual-input, wide voltage range syn-
chronous buck-boost DC/DC converter with an intelligent,
integrated, low loss PowerPath control. The unique power
switcharchitectureprovidesefficientoperationfromeither
input source to a programmable output voltage above,
below or equal to the input. Voltage capability of up to 18V
provides flexibility and voltage margin for a wide variety
of applications and power sources.
The LTC3118 uses a low noise, current mode architecture
with a fixed 1.2MHz PWM mode frequency that minimizes
the solution footprint. For high efficiency at light loads,
automatic Burst Mode operation can be selected consum-
ing only 50µA of quiescent current in sleep.
System level features include ideal diode or VIN priority
modes,VINandVOUTpowergoodindicators,accurateRUN
comparators to program independent UVLO thresholds,
andoutputdisconnectinshutdown.Otherfeaturesinclude
2µA shutdown current, short-circuit protection, soft-start,
current limit and thermal overload protection.
The LTC3118 is offered in thermally enhanced 24-lead
4mm × 5mm QFN and 28-lead TSSOP packages.
applicaTions
n
Integrated High Efficiency Dual Input PowerPath™
Plus Buck-Boost DC/DC Converter
n
Ideal Diode or Priority VIN Select Modes
n
VIN1 and VIN2 Range: 2.2V to 18V
n
VOUT Range: 2V to 18V
n
Either VIN Can Be Above, Below or Equal to VOUT
n
Generates 5V at 2A for VIN > 6V
n
1.2MHz Low Noise Fixed Frequency Operation
n
Current Mode Control
n
All Internal N-Channel MOSFETs
n
Pin-Selectable PWM or Burst Mode® Operation
n
Accurate, Independent RUN Pin Thresholds
n
Up to 94% Efficiency
n
VIN and VOUT Power Good Indicators
n
IQ of 50µA in Sleep, 2µA in Shutdown
n
4mm × 5mm 24-Lead QFN or 28-Lead TSSOP Packages
n
Systems with Multiple Input Sources
n
Back Up Power Systems
n
Wall Adapter or Li-Ion(s) Input to 5VOUT
n
Battery or Super Capacitor Input for Reserve Power
n
Replace Diode-OR Designs with Higher Efficiency,
Flexibility and Performance
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents, including 7709976.
CONTROL
SIGNALS
3.3µH
0.1µF
0.1µF
400k
40.2k
47nF
22µF
22µF
100µF
INDICATORS
4.7µF
10nF
22pF
BST1
BST2
VIN1
VIN2
VIN1
VIN2
SW1
SW2
3118 TA01a
CM1
47nF
CM2
CP1
VOUT
VOUT
5V
VC
V1GD
FB
V2GD
PGD
MODE
SEL
RUN1
RUN2
CN1
10nF
CN2
CP2
PGND VCC
GND
LTC3118
1.8nF
100k
100µs/DIV
3118 TA01b
5VOUT
AC-COUPLED
500mV/DIV
SW1
10V/DIV
SEL
5V/DIV
SELECT VIN2
SELECT VIN1
VIN1 = 5V, VIN2 = 12V, VOUT = 5V AT 1A
Input Switchover Response


Similar Part No. - LTC3118

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3118 AD-LTC3118 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
More results

Similar Description - LTC3118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
logo
List of Unclassifed Man...
XL1410 ETC2-XL1410 Datasheet
259Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
XL1513 ETC2-XL1513 Datasheet
253Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Linear Technology
LTC3119UFD LINER-LTC3119UFD Datasheet
657Kb / 8P
18V, 5A Synchronous Buck-Boost DC/DC Converter
LTC3119 LINER-LTC3119 Datasheet
2Mb / 36P
18V, 5A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
AP3512E DIODES-AP3512E Datasheet
616Kb / 14P
18V, 2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
logo
XLSEMI
XL1410 XLSEMI-XL1410 Datasheet
210Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1513 HMSEMI-HM1513 Datasheet
325Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com