Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3118 Datasheet HTML 32Page - Linear Technology LTC3118 Datasheet HTML 33Page - Linear Technology LTC3118 Datasheet HTML 34Page - Linear Technology LTC3118 Datasheet HTML 35Page - Linear Technology LTC3118 Datasheet HTML 36Page - Linear Technology LTC3118 Datasheet HTML 37Page - Linear Technology LTC3118 Datasheet HTML 38Page - Linear Technology LTC3118 Datasheet HTML 39Page - Linear Technology LTC3118 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC3118
40
3118fa
For more information www.linear.com/LTC3118
LINEAR TECHNOLOGY CORPORATION 2015
LT 0915 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3118
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC3111
1.5A (IOUT), 15V Synchronous Buck-Boost DC/DC Converter
VIN = 2.5V to 15V, VOUT = 2.5V to 15V, IQ = 49µA, ISD < 1µA,
DFN and MSOP Packages
LTC3112
2.5A (IOUT), 15V Synchronous Buck-Boost DC/DC Converter
VIN = 2.7V to 15V, VOUT = 2.5V to 14V, IQ = 40μA, ISD < 1μA,
DFN and TSSOP Packages
LTC3113
3A (IOUT), 5V Synchronous Buck-Boost DC/DC Converter
VIN = 1.8V to 5.5V, VOUT = 1.8V to 5.25V, IQ = 30μA, ISD < 1μA,
DFN and TSSOP Packages
LTC3114-1
1A (IOUT), 40V Synchronous Buck-Boost DC/DC Converter
VIN = 2.2V to 40V, VOUT = 2.7V to 15V, IQ = 30µA, ISD < 3µA,
DFN and TSSOP Packages
LTC3115-1
2A (IOUT), 40V Synchronous Buck-Boost DC/DC Converter
VIN = 2.7V to 40V, VOUT = 2.7V to 40V, IQ = 30μA, ISD < 3μA,
DFN and TSSOP Packages
LTC3122
2.5A ISW, 3MHz, Synchronous Step-Up DC/DC Converter with
Output Disconnect, Burst Mode Operation, Up to 95% Efficiency
Operating Range VIN = 1.8V to 5.5V (500mV After Start-Up), VOUT = Up
to 15V, IQ = 25μA, ISD <1µA, 3mm × 4mm DFN and MSOP Packages
LTC3124
5A ISW, 3MHz, 2-Phase Synchronous Step-Up DC/DC
Converter, Output Disconnect, Burst Mode Operation,
Up to 95% Efficiency
Operating Range VIN = 1.8V to 5.5V (500mV After Start-Up), VOUT Up
to 15V, IQ = 25µA, ISD < 1µA, 3mm × 5mm DFN and TSSOP Packages
LTC3129
200mA (IOUT), 15V Synchronous Buck-Boost DC/DC Converter VIN = 2.42V to 15V, VOUT = 2.5V to 14V, IQ = 1.3μA, ISD = 10nA,
QFN and MSOP Packages
LTC4412
28V Low Loss PowerPath Controller in ThinSOT™
Operating Range 3V to 36V, IQ = 11µA, 6-Lead ThinSOT Package
LTC4417
Prioritized PowerPath Controller
VIN = 2.5V to 36V, –42V Reverse Protection, IQ = 28µA, ISD < 1µA,
QFN and SSOP Packages
12V VIN to 5V VOUT Converter with Capacitor Backup
Runs from VIN1 (Priority) in Normal Mode, VIN2 During Backup Event
10mF, 18V Back-Up Capacitor Supports
200mA Load for >1 Second
200ms/DIV
3118 TA05b
VIN2
10V/DIV
VIN1
10V/DIV
VOUT
5V/DIV
INDUCTOR
CURRENT
1A/DIV
768k
+
100k
402k
100k
40.2k
40.2k
47nF
47nF
10.5V TO 14.5V
10nF
22µF
47µF
5V
PGND
BAT-54
SCHOTTKY DIODE
POWER GOOD
INDICATORS
VCC BACK FED
FROM VOUT
FOR LOW VIN
OPERATION
22µF
2M
10nF
10mF
CAPACITOR
BACKUP
22pF
LEAD ACID
BATTERY OR 12V
SYSTEM POWER
18V MAX, RUNS
DOWN TO 2.2V
+
4.7µF
BST1
BST2
VIN1
SW1
SW2
3118 TA05a
CM1
PGND
CM2
RUN1
CP1
CP2
VOUT
VC
GND
V1GD
FB
V2GD
PGD
CN2
CN1
VCC
SEL
MODE
VIN2
PGND
RUN2
LTC3118
1.8nF
3.3µH
0.1µF
0.1µF
40.2k
CAN’T RUN FROM VIN2 UNTIL VOUT STARTS UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com