Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 4 Page - Linear Technology

  LTC3118 Datasheet HTML 1Page - Linear Technology LTC3118 Datasheet HTML 2Page - Linear Technology LTC3118 Datasheet HTML 3Page - Linear Technology LTC3118 Datasheet HTML 4Page - Linear Technology LTC3118 Datasheet HTML 5Page - Linear Technology LTC3118 Datasheet HTML 6Page - Linear Technology LTC3118 Datasheet HTML 7Page - Linear Technology LTC3118 Datasheet HTML 8Page - Linear Technology LTC3118 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3118
4
3118fa
For more information www.linear.com/LTC3118
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1 Becomes Active Input in Ideal Diode Mode
VIN2 = SEL = 5V
Rising
Falling
5
4.2
5.4
4.6
5.8
5
V
V
PGD Threshold
Percent of FB Voltage Rising
90
94
98
%
PGD Hysteresis
Percent of FB Voltage Falling
–2
%
V1GD, V2GD, PGD Low Voltage
ISINK = 5mA
300
mV
V1GD, V2GD, PGD Leakage
Pin = 18V
1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3118 is tested under pulsed load conditions such that TJ ≈
TA. The LTC3112E is guaranteed to meet specifications from 0°C to 85°C
junction temperature. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3118I is guaranteed
to meet specifications over the –40°C to 125°C operating junction
temperature, the LTC3118H is guaranteed to meet specifications over the
–40°C to 150°C operating junction temperature range and the LTC3118MP
is guaranteed and tested to meet specifications over the full –55°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes; operating lifetime is derated for temperatures
greater than 125°C.
The maximum ambient temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ ≈ TA = 25°C (Note 2). Unless otherwise noted, VIN1 or VIN2 = 5V, VOUT = 5V.
resistance and other environmental factors. The junction temperature
(TJ in °C) is calculated from the ambient temperature (TA in °C) and power
dissipation (PD in Watts) according to the following formula:
TJ = TA + (PD • θJA) where θJA is the thermal impedance of the package.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Voltage transients on the switch pins beyond the DC limit specified
in the Absolute Maximum Ratings, are non disruptive to normal operation
when using good layout practices, as shown on the demo board or
described in the data sheet and application notes.
Note 5: Current measurements are performed when the LTC3118 is
not switching. The current limit values measured in operation will be
somewhat higher, while the reverse current thresholds may be lower due
to the propagation delay of the comparators and inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com