Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 2 Page - Linear Technology

  LTC3118 Datasheet HTML 1Page - Linear Technology LTC3118 Datasheet HTML 2Page - Linear Technology LTC3118 Datasheet HTML 3Page - Linear Technology LTC3118 Datasheet HTML 4Page - Linear Technology LTC3118 Datasheet HTML 5Page - Linear Technology LTC3118 Datasheet HTML 6Page - Linear Technology LTC3118 Datasheet HTML 7Page - Linear Technology LTC3118 Datasheet HTML 8Page - Linear Technology LTC3118 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3118
2
3118fa
For more information www.linear.com/LTC3118
absoluTe MaxiMuM raTings
pin conFiguraTion
VIN1, VIN2 Voltage....................................... –0.3V to 20V
VOUT Voltage.............................................. –0.3V to 20V
SW1 DC Voltage (Note 4)...............–0.3V to (VIN1 + 0.3V)
or (VIN2 + 0.3V)
SW2 DC Voltage (Note 4).............–0.3V to (VOUT + 0.3V)
BST1 Voltage .....................(SW1 – 0.3V) to (SW1 + 6V)
BST2 Voltage ....................(SW2 – 0.3V) to (SW2 + 6V)
RUN1, RUN2 Voltage.................................. –0.3V to 20V
PGD, V1GD, V2GD Voltage ......................... –0.3V to 20V
CM1, CM2 Voltage ....................................... –0.3 to 20V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3118EUFD#PBF
LTC3118EUFD#TRPBF
3118
24-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3118IUFD#PBF
LTC3118IUFD#TRPBF
3118
24-Lead (4mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3118HUFD#PBF
LTC3118HUFD#TRPBF
3118
24-Lead (4mm
× 5mm) Plastic QFN
–40°C to 150°C
LTC3118MPUFD#PBF
LTC3118MPUFD#TRPBF 3118
24-Lead (4mm
× 5mm) Plastic QFN
–55°C to 150°C
LTC3118EFE#PBF
LTC3118EFE#TRPBF
3118FE
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3118IFE#PBF
LTC3118IFE#TRPBF
3118FE
28-Lead Plastic TSSOP
–40°C to 125°C
LTC3118HFE#PBF
LTC3118HFE#TRPBF
3118FE
28-Lead Plastic TSSOP
–40°C to 150°C
LTC3118MPFE#PBF
LTC3118MPFE#TRPBF
3118FE
28-Lead Plastic TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
8
9
TOP VIEW
25
PGND
UFD PACKAGE
24-LEAD (4mm × 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
SEL
VIN1
RUN1
RUN2
VCC
MODE
GND
CP2
VIN2
SW1
BST1
BST2
SW2
VOUT
7
14
15
16
17
18
19
13
TJMAX = 150°C, θJC = 3.4°C/W, θJA = 43°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CM1
CN1
CP1
SEL
VIN1
RUN1
RUN2
VCC
MODE
GND
GND
VC
FB
V1GD
CM2
CN2
PGND
CP2
VIN2
SW1
BST1
BST2
SW2
VOUT
PGND
PGND
PGD
V2GD
29
PGND
TJMAX = 150°C, θJC = 5°C/W, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS PGND, MUST BE SOLDERED TO PCB
CP1 Voltage ........................ (VIN1 – 0.3V) to (VIN1 + 6V)
CP2 Voltage ........................ (VIN2 – 0.3V) to (VIN2 + 6V)
VCC, CN1, CN2 Voltage................................... –0.3 to 6V
MODE, SEL, FB, VC Voltage ........................... –0.3 to 6V
Operating Junction Temperature Range (Notes 2, 3)
LTC3118E/LTC3118I........................... –40°C to 125°C
LTC3118H .......................................... –40°C to 150°C
LTC3118MP........................................ –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) TSSOP ......300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com