Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3118 Datasheet HTML 16Page - Linear Technology LTC3118 Datasheet HTML 17Page - Linear Technology LTC3118 Datasheet HTML 18Page - Linear Technology LTC3118 Datasheet HTML 19Page - Linear Technology LTC3118 Datasheet HTML 20Page - Linear Technology LTC3118 Datasheet HTML 21Page - Linear Technology LTC3118 Datasheet HTML 22Page - Linear Technology LTC3118 Datasheet HTML 23Page - Linear Technology LTC3118 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LTC3118
20
3118fa
For more information www.linear.com/LTC3118
RUN1 and RUN2 Pin Comparators
Forcing both RUN1 and RUN2 to a logic low places the
LTC3118 in a low current shutdown state. When the volt-
age on either pin is brought above a 0.65V logic threshold,
certain IC functions are enabled as shown in Figure 4a.
The RUN1 and RUN2 pins also include accurate internal
comparators that allow them to be used to set custom
rising and falling ON/OFF thresholds for VIN1 and VIN2,
respectively,withtheadditionofexternalresistordividers.
IfeitherRUNpinvoltageisincreasedtoexceeditsaccurate
comparatorthreshold(1.22Vnominal),allfunctionsofthe
buck-boost converter will be enabled and switching will
commence, assuming the respective VIN and VCC UVLO
circuits are cleared (see Figure 2).
If both RUN1 and RUN2 are brought below the accurate
comparatorthreshold,thebuck-boostconverterwillinhibit
switching, but the VCC regulator and control circuitry will
remain powered unless both RUN pins are brought below
the logic threshold. Therefore, in order to completely
shut down the IC and reduce the VIN currents to < 2µA
(typical), it is necessary to ensure that both RUN pins are
brought below the worst-case low logic threshold of 0.2V.
RUN1 and RUN2 are high voltage capable inputs but must
be connected to their respective VIN1 and VIN2 supplies
throughahighvalueresistorgreaterthan200ktoprevent
a potential latch condition at the pin. The RUN pins can
be driven above VIN or VOUT within their specified voltage
ratings. If either RUN pin is forced above 5V, it will sink a
small current, as given by the following equation:
IRUN ≈
VRUN − 5V
3M
Ω
With the addition of optional resistor divider(s), as shown
in Figure 4a, the RUN pin(s) can be used to establish a
user-programmable turn-on and turn-off threshold.
The buck-boost converter is enabled when the voltage
on either RUN pin reaches 1.22V. Therefore, the turn-on
voltage threshold on VIN is given by:
VTURNON = 1.22V 1+
RT
RB
Figure 4. (a) Accurate RUN1 or RUN2 Pin Comparators, (b) Manual VIN Select with Overlap Timing, (c) Active VIN Indicators
operaTion
1.22V
VIN
LTC3118
3118 F04a
RUN1 OR
RUN2
RT
RB
ENABLE
SWITCHING
LOGIC
THRESHOLD
ACCURATE
THRESHOLD
ENABLE LDO AND
CONTROL CIRCUITS
+
–
0.65V
+
–
(a)
(b)
(c)
3118 F04b
1M
LOGIC
SIGNAL
LOGIC
SIGNAL
100pF
RUN1
1M
100pF
RUN2
VIN1
VIN2
VIN1
VIN2
3118 F04c
1M
100pF
VIN1 ACTIVE
VIN2 ACTIVE
CN1
1M
100pF
CN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com