Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3118 Datasheet HTML 18Page - Linear Technology LTC3118 Datasheet HTML 19Page - Linear Technology LTC3118 Datasheet HTML 20Page - Linear Technology LTC3118 Datasheet HTML 21Page - Linear Technology LTC3118 Datasheet HTML 22Page - Linear Technology LTC3118 Datasheet HTML 23Page - Linear Technology LTC3118 Datasheet HTML 24Page - Linear Technology LTC3118 Datasheet HTML 25Page - Linear Technology LTC3118 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC3118
22
3118fa
For more information www.linear.com/LTC3118
operaTion
Manual VIN Select Circuits
The SEL pin can be used to manually switch between VIN1
and VIN2, if VIN2 is connected to a voltage greater than
VIN1. In this case, both RUN pins must remain asserted
above their 1.22V thresholds. The LTC3118 will run off
VIN1 when SEL is low and the higher VIN2 source when
SEL is high.
For systems requiring manual VIN selection where the
relative voltages are unknown, the RUN pins can be used
with a few precautions. Each RUN pin contains internal
filtering to reduce the chance of unintended turn-on or
turn-off due to noise events. The turn-on delay is typically
50µs in order to manage inductive ringing during supply
plug in. Accordingly, a >100µs overlap time of asserted
RUN1 and RUN2 signals is recommended to prevent a
momentary shutdown of the IC and a subsequent soft-
start cycle.
If this overlap timing cannot be provided by the system
micro-controller, an external circuit similar to Figure 4b
can be added to each RUN pin. With the added circuit, VIN1
and VIN2 can be driven alternately off and on as shown.
The diode provides a faster turn-on path, where the RC
delay to GND is set to ~100µs in order to prevent VOUT
from drooping during switch-over.
Active VIN Indicator
The V1GD and V2GD indicators can be monitored to
determine if VIN1 or VIN2 have sufficient voltage based on
internal UVLO circuits and the RUN pin divider networks
as previously discussed. Some applications may require
an additional indication of which VIN is active and which
is inactive. This indication can be implemented with the
CN1 and CN2 charge-pump pins and an external circuit
similar to Figure 4c. The diode and RC network provide
peak detection and filtering of the active CN pin which is
switching in PWM mode and held high in sleep. The CN
pin for the inactive VIN is held low.
Thermal Considerations
The power switches of the LTC3118 are designed to oper-
ate continuously with currents up to the internal current
limit thresholds. However, when operating at high current
levels, there may be significant heat generated within the
IC. In addition, the VCC regulator can generate a significant
amount of heat when the active VINishigh.Thisaddstothe
total power dissipation of the IC. As described elsewhere
in this data sheet, bootstrapping of VCC for 5V output ap-
plications can essentially eliminate this power dissipation
term and significantly improve efficiency.
Careful consideration must be given to the thermal envi-
ronment of the IC in order to provide a means to remove
heat from the IC and ensure that the LTC3118 is able
to provide its full rated output current. Specifically, the
exposed die attach pad of both the QFN and FE packages
must be soldered to a copper layer on the PCB to maximize
the conduction of heat out of the IC package. This can be
accomplished by utilizing multiple vias from the die attach
pad connection underneath the IC package to other PCB
layer(s) containing large copper planes. A recommended
board layout incorporating these concepts is shown in
Figure 5. Typical temperature rise versus load current
curves using the PCB in Figure 5 are given in the Typical
Performance Characteristics section.
If the IC die temperature exceeds approximately 165°C,
thermal shutdown will be invoked and all switching will
be inhibited. The part will remain disabled until the die
temperature cools by approximately 10°C, at which time
a soft-start is initiated to provide a smooth recovery.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com