Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3118 Datasheet HTML 9Page - Linear Technology LTC3118 Datasheet HTML 10Page - Linear Technology LTC3118 Datasheet HTML 11Page - Linear Technology LTC3118 Datasheet HTML 12Page - Linear Technology LTC3118 Datasheet HTML 13Page - Linear Technology LTC3118 Datasheet HTML 14Page - Linear Technology LTC3118 Datasheet HTML 15Page - Linear Technology LTC3118 Datasheet HTML 16Page - Linear Technology LTC3118 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTC3118
13
3118fa
For more information www.linear.com/LTC3118
operaTion
Introduction
The LTC3118 is a dual-input, current mode, monolithic
buck-boost DC/DC converter that can operate over a wide
input voltage range of 2.2V to 18V. The output voltage
can be programmed between 2V to 18V and deliver more
than 2A of load current. The LTC3118 operates from either
VIN1 or VIN2 depending on the state of the SEL pin. If SEL
is commanded to be a logic high, VOUT will be powered
from the highest valid input voltage. If SEL is a logic low,
VOUT will be powered from VIN1 (priority mode) assuming
sufficient input voltage is present. Internal, low RDS(ON)
N-channel power switches reduce the solution complexity
and maximize efficiency.
A proprietary switch algorithm allows the buck-boost
converter to maintain output voltage regulation with in-
put voltages that are above, below or equal to the output
voltage. Transitions between the step-up or step-down
operating modes are seamless and free of transients and
subharmonicswitching,makingthisproductidealfornoise
sensitive applications. The LTC3118 operates at a fixed
nominal switching frequency of 1.2MHz, which provides
an ideal trade-off between small solution size and high
efficiency. Current mode control provides inherent input
line voltage rejection, simplified compensation and rapid
responsetoloadtransients.BurstModeoperationcapabil-
ity is also included in the LTC3118 and is user-selected
via the MODE input pin. In Burst Mode operation, the
LTC3118 provides exceptional efficiency at light output
loads by operating the converter only when necessary to
maintain voltage regulation. At higher loads, the LTC3118
automatically transitions to fixed frequency PWM mode
when Burst Mode operation is selected.
For 5V VOUT applications, the input quiescent currents in
Burst Mode operation can be reduced with the internal
LDO regulator bootstrapped to the output voltage. If the
applicationrequiresextremelylownoise,continuousPWM
operation can also be selected via the MODE pin. The
LTC3118 also features accurate, resistor programmable
RUN comparator thresholds with hysteresis for each VIN.
This allows the buck-boost DC/DC converter to turn on
and off at user-selected voltage thresholds depending on
the power source for each VIN. With a wide voltage range
and high efficiency, the LTC3118 is well suited for many
demanding power systems.
Power Stage Topology
Figure 1 shows the topology of the dual-input LTC3118
power stage switches and their associated gate drivers.
The LTC3118 integrates independent switch paths from
VIN1 to SW1 and VIN2 to SW1 to provide isolation between
theselectedinputandtheinactiveinput.Thisconfiguration
allows conversion from either input source, regardless of
their respective voltage levels, enabling ideal diode or VIN1
priority modes (see SEL pin description).
Figure 1. LTC3118 Dual
-Input Power Stage
3118 F01
VIN1
VOUT
VCC
VCC
PUMP1
A1ON
BST1
A1
CM1
VIN2
A2ON
SW1
SW2
BST1
A2
CM2
BST2
L
PGND
B
C
D
BON
CON
DON
PUMP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com