Electronic Components Datasheet Search
  English  ▼

X  

LTC3118 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3118
Description  18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3118 Datasheet(HTML) 3 Page - Linear Technology

  LTC3118 Datasheet HTML 1Page - Linear Technology LTC3118 Datasheet HTML 2Page - Linear Technology LTC3118 Datasheet HTML 3Page - Linear Technology LTC3118 Datasheet HTML 4Page - Linear Technology LTC3118 Datasheet HTML 5Page - Linear Technology LTC3118 Datasheet HTML 6Page - Linear Technology LTC3118 Datasheet HTML 7Page - Linear Technology LTC3118 Datasheet HTML 8Page - Linear Technology LTC3118 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LTC3118
3
3118fa
For more information www.linear.com/LTC3118
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Operating Voltage Range
VIN1 or VIN2, VCC ≥ 2.5V
l
2.2
18
V
Output Operating Voltage
l
2
18
V
Undervoltage Lockout Threshold on VCC
VCC Rising, VIN = 2.5V
l
2.2
2.35
2.5
V
Minimum VIN Start-Up Voltage
VCC Powered from VIN1 or VIN2 (IVCC = 10mA)
l
2.2
2.5
2.65
V
Input Quiescent Current in Shutdown
RUN1 and RUN2 < 0.2V
2
µA
Input Quiescent Current in Burst Mode Operation
Active VIN1 or VIN2, FB = 1.2V
50
µA
Inactive VIN1 or VIN2, FB = 1.2V
5
µA
Input Quiescent Current in PWM Mode Operation
Active VIN1 or VIN2, FB = 0.8V
12
mA
Output Quiescent Current in Burst Mode Operation
1
µA
Oscillator Frequency
l
1000
1200
1400
kHz
Oscillator Frequency Variation
Active VIN = 3V to 18V
0.1
%/V
Feedback Voltage
l
0.98
1.0
1.02
V
Feedback Voltage Line Regulation
Active VIN = 3V to 18V
0.2
%
Error Amplifier Transconductance
VC Current = ±4µA
80
µS
Feedback Pin Input Current
FB = 1V
0
50
nA
VC Source Current
VC = 0.5V, FB = 0.8V
–14
µA
VC Sink Current
VC = 0.5V, FB = 1.2V
14
µA
RUN Pin Threshold: Accurate
RUN1 or RUN2 Rising
l
1.17
1.22
1.27
V
RUN Pin Hysteresis: Accurate
Accurate RUN (Rising – Falling)
170
mV
RUN Pin Logic Threshold for VCC Enable/Shutdown
l
0.2
0.65
1.15
V
RUN Pin Leakage Current
RUN1 or RUN2 = 4V
0.2
µA
VCC Output Voltage
IVCC = 1mA
l
3.5
3.8
4.1
V
VCC Load Regulation
IVCC = 1mA to 10mA
–1
%
VCC Line Regulation
IVCC = 1mA, VIN = 5V to 18V
0.5
%
VCC Current Limit
VIN > 6V
60
mA
Average Inductor Current Limit (Note 5)
l
3.0
3.6
5.2
A
Overload Current Limit (Note 5)
Current from VIN1 or VIN2
6
A
Reverse Inductor Current Limit (Note 5)
PWM Mode
–200
mA
Maximum Duty Cycle
Percentage of Period SW2 Is Low in Boost Mode
l
90
95
%
Percentage of Period SW1 Is High in Boost Mode
l
83
88
%
Minimum Duty Cycle
Percentage of Period SW1 Is High in Buck Mode
l
0
%
SW1 and SW2 Forced Low Time
BST1 or BST2 Capacitor Charge Time
100
ns
N-Channel Switch Resistance
Switch A1 (From VIN1 to SW1)
80
mΩ
Switch A2 (From VIN2 to SW1)
120
mΩ
Switch B (From SW1 to PGND)
80
mΩ
Switch C (From SW2 to PGND)
80
mΩ
Switch D (From PVOUT to SW2)
80
mΩ
N-Channel Switch Leakage
VIN2, VIN2 or VOUT = 18V
0.1
10
µA
Soft-Start Time
1
ms
MODE and SEL Threshold Voltage
l
0.3
0.75
1.2
V
MODE and SEL Leakage
Pin = 5V
0
0.5
µA
The l denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TJ ≈ TA = 25°C (Note 2). Unless otherwise noted, VIN1 or VIN2 = 5V, VOUT = 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com