Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 4Page - Linear Technology LTC3370 Datasheet HTML 5Page - Linear Technology LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC3370
8
3370fb
For more information www.linear.com/LTC3370
1A Buck Power Loss vs ILOAD,
VOUT = 1.2V
1A Buck Efficiency vs ILOAD,
VOUT = 1.8V
1A Buck Power Loss vs ILOAD,
VOUT = 1.8V
1A Buck Efficiency vs ILOAD,
VOUT = 2.5V
1A Buck Power Loss vs ILOAD,
VOUT = 2.5V
1A Buck Efficiency vs ILOAD,
VOUT = 3.3V
NMOS RDS(ON) vs Temperature
1A Buck Efficiency vs ILOAD,
VOUT = 1.2V
1A Buck Power Loss vs ILOAD,
VOUT = 3.3V
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
3370 G20
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 1.2V
fOSC = 2MHz
L = 2.2µH
FORCED
CONTINUOUS
MODE
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
Burst Mode OPERATION
LOAD CURRENT (mA)
3370 G22
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
Burst Mode OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G23
1000
900
800
400
300
200
100
700
500
600
0
1
1000
100
10
VIN = 2.25V
Burst Mode OPERATION
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G24
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G25
1000
900
800
400
300
200
100
700
500
600
0
1
1000
100
10
VIN = 2.7V
Burst Mode OPERATION
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G26
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 3.3V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 4.2V
VIN = 5.5V
VIN = 4.2V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G21
1000
900
800
400
300
200
100
700
500
600
0
1
1000
100
10
VIN = 2.25V
Burst Mode OPERATION
VOUT = 1.2V
fOSC = 2MHz
L = 2.2µH
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G27
1000
900
800
400
300
200
100
700
500
600
0
1
1000
100
10
Burst Mode OPERATION
VOUT = 3.3V
fOSC = 2MHz
L = 2.2µH
VIN = 5.5V
VIN = 4.2V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
150
200
250
300
350
400
450
3370 G19
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com