Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3370
10
3370fb
For more information www.linear.com/LTC3370
4A Buck Regulator Load Regulation
(Forced Continuous Mode)
1A Buck Regulator Line Regulation
(Forced Continuous Mode)
1A Buck Regulator No-Load Start-Up
Transient(Burst Mode Operation)
1A Buck Regulator No-Load Start-Up
Transient (Forced Continuous Mode)
4A Buck Regulator No-Load Start-Up
Transient (Burst Mode Operation)
4A Buck Regulator No-Load Start-Up
Transient (Forced Continuous Mode)
1A Buck Efficiency vs Frequency
(Forced Continuous Mode)
1A Buck Regulator Load Regulation
(Forced Continuous Mode)
1A Buck Regulator Transient
Response (Burst Mode Operation)
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
FREQUENCY (MHz)
3370 G37
100
90
80
40
30
20
10
70
50
60
0
1
3
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8
VOUT = 1.8V
VIN = 3.3V
L = 3.3µH
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 20mA
LOAD CURRENT (mA)
3370 G38
1.820
1.816
1.812
1.796
1.792
1.788
1.784
1.808
1.800
1.804
1.780
1
1000
100
10
VIN = 5.5V
VIN = 3.3V
VIN = 2.25V
DROPOUT
fOSC = 2MHz
L = 2.2µH
LOAD CURRENT (mA)
3370 G39
1.820
1.816
1.812
1.796
1.792
1.788
1.784
1.808
1.800
1.804
1.780
1
1000
100
10
VIN = 3.3V
VIN = 2.25V
fOSC = 2MHz
L = 2.2µH
DROPOUT
VIN = 5.5V
VIN (V)
3370 G40
1.820
1.815
1.795
1.790
1.785
1.810
1.800
1.805
1.780
2.25
2.75 3.25 3.75
4.25 4.75 5.25
fOSC = 2MHz
L = 2.2µH
ILOAD = 100mA
ILOAD = 500mA
200µs/DIV
VOUT
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN
2V/DIV
3370 G41
VIN = 3.3V
VOUT = 1.8V
200µs/DIV
VOUT
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN
2V/DIV
3370 G42
VIN = 3.3V
VOUT = 1.8V
200µs/DIV
VOUT
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN
2V/DIV
3370 G43
VIN = 3.3V
VOUT = 1.8V
200µs/DIV
VOUT
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN
2V/DIV
3370 G44
VIN = 3.3V
VOUT = 1.8V
50µs/DIV
VOUT
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
0mA
3370 G45
LOAD STEP = 100mA TO 700mA
VIN = 3.3V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com