Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3370
11
3370fb
For more information www.linear.com/LTC3370
4A Buck Regulator Transient
Response (Burst Mode Operation)
4A Buck Regulator Transient
Response (Forced Continuous
Mode)
1A Buck Regulator Transient
Response (Forced Continuous
Mode)
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
50µs/DIV
VOUT
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
0mA
3370 G46
LOAD STEP = 100mA TO 700mA
VIN = 3.3V
VOUT = 1.8V
50µs/DIV
VOUT
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
1A/DIV
0mA
3370 G47
LOAD STEP = 400mA TO 2.8A
VIN = 3.3V
VOUT = 1.8V
50µs/DIV
VOUT
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
1A/DIV
0mA
3370 G48
LOAD STEP = 400mA TO 2.8A
VIN = 3.3V
VOUT = 1.8V
pin FuncTions
VINA (Pin 1): Power Stage A Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
SWA (Pin 2): Power Stage A Switch Node. External induc-
tor connects to this pin.
SWB (Pin 3): Power Stage B Switch Node. External induc-
tor connects to this pin.
VINB (Pin 4): Power Stage B Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
VINC (Pin 5): Power Stage C Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
SWC (Pin 6): Power Stage C Switch Node. External induc-
tor connects to this pin.
SWD (Pin 7): Power Stage D Switch Node. External induc-
tor connects to this pin.
VIND (Pin 8): Power Stage D Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
FB2 (Pin 9): Buck Regulator 2 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
In configurations where Buck 2 is not used, FB2 should
be tied to ground.
EN2 (Pin 10): Buck Regulator 2 Enable Input. Active high.
In configurations where Buck 2 is not used, tie EN2 to
ground. Do not float.
C1 (Pin 11): Configuration Control Input Bit. With C2 and
C3, C1 configures the Buck output current power stage
combinations. C1 should either be tied to VCC or ground.
Do not float.
C2 (Pin 12): Configuration Control Input Bit. With C1 and
C3, C2 configures the Buck output current power stage
combinations. C2 should either be tied to VCC or ground.
Do not float.
C3 (Pin 13): Configuration Control Input Bit. With C1 and
C2, C3 configures the Buck output current power stage
combinations. C3 should either be tied to VCC or ground.
Do not float.
PGOODALL (Pin 14): PGOOD Status Pin (Active Low).
Open-drain output. When the regulated output voltage
of any enabled switching regulator is below its PGOOD
threshold level, this pin is driven LOW. This level is 98%
of the programmed output value for Buck 1 and 95% of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com