Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC3370
12
3370fb
For more information www.linear.com/LTC3370
pin FuncTions
the programmed output value for Bucks 2-4. When all
buck regulators are disabled PGOODALL is driven LOW.
EN3 (Pin 15): Buck Regulator 3 Enable Input. Active high.
In configurations where Buck 3 is not used, tie EN3 to
ground. Do not float.
FB3 (Pin 16): Buck Regulator 3 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
In configurations where Buck 3 is not used, FB3 should
be tied to ground.
VINE (Pin 17):Power Stage E Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
SWE (Pin 18): Power Stage E Switch Node. External
inductor connects to this pin.
SWF (Pin 19): Power Stage F Switch Node. External
inductor connects to this pin.
VINF (Pin 20): Power Stage F Input Supply. Bypass to GND
with a 10µF or larger ceramic capacitor.
VING (Pin 21): Power Stage G Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
SWG (Pin 22): Power Stage G Switch Node. External
inductor connects to this pin.
SWH (Pin 23): Power Stage H Switch Node. External
inductor connects to this pin.
VINH (Pin 24): Power Stage H Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
FB4 (PIN 25): Buck Regulator 4 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
EN4 (Pin 26): Buck Regulator 4 Enable Input. Active high.
Do not float.
RT (Pin 27): Oscillator Frequency Pin. This pin provides
two modes of setting the switching frequency. Connecting
a resistor from RT to ground sets the switching frequency
based on the resistor value. If RT is tied to VCC the internal
2MHz oscillator is used. Do not float.
PLL/MODE (Pin 28): Oscillator Synchronization and Buck
ModeSelectPin.DrivingPLL/MODEwithanexternalclock
signal synchronizes all switches to the applied frequency,
and the buck converters operate in forced continuous
mode. The slope compensation is automatically adapted
to the external clock frequency. The absence of an external
clock signal enables the frequency programmed by the
RT pin. When not synchronizing to an external clock this
input determines how the LTC3370 operates at light loads.
Pulling this pin to ground selects Burst Mode operation.
Tying this pin to VCC invokes forced continuous mode
operation. Do not float.
VCC (Pin 29): Internal Bias Supply. Bypass to GND with a
10µF or larger ceramic capacitor.
TEMP(Pin30):TemperatureIndicationPin.TEMPoutputs
a voltage of 220mV (typical) at 25°C. The TEMP voltage
increases by 7mV/°C (typical) at higher temperatures
giving an external indication of the LTC3370 internal die
temperature.
EN1 (Pin 31): Buck Regulator 1 Enable Input. Active high.
Do not float.
FB1 (Pin 32): Buck Regulator 1 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
GND (Exposed Pad Pin 33): Ground. The exposed pad
should be connected to a continuous ground plane on the
printed circuit board directly under the LTC3370.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com