Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 5Page - Linear Technology LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3370
9
3370fb
For more information www.linear.com/LTC3370
3A Buck Efficiency vs ILOAD,
VOUT = 1.8V
3A Buck Efficiency vs ILOAD,
VOUT = 2.5V
4A Buck Efficiency vs ILOAD,
VOUT = 1.8V
4A Buck Efficiency vs ILOAD,
VOUT = 2.5V
1A Buck Efficiency vs ILOAD
(Across Operating Frequency)
1A Buck Efficiency vs Frequency
(Forced Continuous Mode)
2A Buck Efficiency vs ILOAD,
VOUT = 1.8V
2A Buck Efficiency vs ILOAD,
VOUT = 2.5V
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
3370 G28
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G29
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G30
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G31
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
LOAD CURRENT (mA)
3370 G32
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VIN = 2.25V
VIN = 3.3V
VIN = 5.5V
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
LOAD CURRENT (mA)
3370 G33
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VIN = 2.7V
VIN = 3.3V
VIN = 5.5V
VOUT = 2.5V
fOSC = 2MHz
L = 2.2µH
LOAD CURRENT (mA)
3370 G34
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
Burst Mode
OPERATION
FORCED
CONTINUOUS
MODE
fOSC = 1MHz, L = 3.3µH
fOSC = 2MHz, L = 2.2µH
fOSC = 3MHz, L = 1µH
fOSC = 1MHz, L = 3.3µH
fOSC = 2MHz, L = 2.2µH
fOSC = 3MHz, L = 1µH
VOUT = 1.8V
VIN = 3.3V
FREQUENCY (MHz)
3370 G35
100
90
80
40
30
20
10
70
50
60
0
1
3
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8
VOUT = 1.8V
ILOAD = 100mA
L = 3.3µH
VIN = 3.3V
VIN = 2.25V
VIN = 5.5V
1A Buck Efficiency vs Frequency
(Forced Continuous Mode)
FREQUENCY (MHz)
3370 G36
100
90
80
40
30
20
10
70
50
60
0
1
3
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8
VOUT = 1.8V
ILOAD = 200mA
L = 3.3µH
VIN = 2.25V
VIN = 5.5V
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com