Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC3370
17
3370fb
For more information www.linear.com/LTC3370
applicaTions inForMaTion
Table 2. Recommended Inductors for 1A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
IHLP1212ABER1R0M-11
1.0
3
38
3 × 3.6 × 1.2
Vishay
1239AS-H-1R0N
1
2.5
65
2.5 × 2.0 × 1.2
Toko
XFL4020-222ME
2.2
3.5
23.5
4 × 4 × 2.1
CoilCraft
1277AS-H-2R2N
2.2
2.6
84
3.2 × 2.5 × 1.2
Toko
IHLP1212BZER2R2M-11
2.2
3
46
3 × 3.6 × 1.2
Vishay
XFL4020-332ME
3.3
2.8
38.3
4 × 4 × 2.1
CoilCraft
IHLP1212BZER3R3M-11
3.3
2.7
61
3 × 3.6 × 1.2
Vishay
Table 3. Recommended Inductors for 2A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
XFL4020-102ME
1.0
5.1
11.9
4 × 4 × 2.1
CoilCraft
74437324010
1
5
27
4.45 × 4.06 × 1.8
Würth Elektronik
XAL4020-222ME
2.2
5.6
38.7
4 × 4 × 2.1
CoilCraft
FDV0530-2R2M
2.2
5.3
15.5
6.2 × 5.8 × 3
Toko
IHLP2020BZER2R2M-11
2.2
5
37.7
5.49 × 5.18 × 2
Vishay
XAL4030-332ME
3.3
5.5
28.6
4 × 4 × 3.1
CoilCraft
FDV0530-3R3M
3.3
4.1
34.1
6.2 × 5.8 × 3
Toko
Table 4. Recommended Inductors for 3A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
XAL4020-102ME
1.0
8.7
14.6
4 × 4 × 2.1
CoilCraft
FDV0530-1R0M
1
8.4
11.2
6.2 × 5.8 × 3
Toko
XAL5030-222ME
2.2
9.2
14.5
5.28 × 5.48 × 3.1
CoilCraft
IHLP2525CZER2R2M-01
2.2
8
20
6.86 × 6.47 × 3
Vishay
74437346022
2.2
6.5
20
7.3 × 6.6 × 2.8
Würth Elektronik
XAL5030-332ME
3.3
8.7
23.3
5.28 × 5.48 × 3.1
CoilCraft
SPM6530T-3R3M
3.3
7.3
27
7.1 × 6.5 × 3
TDK
Table 5. Recommended Inductors for 4A Buck Regulators
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
XAL5030-122ME
1.2
12.5
9.4
5.28 × 5.48 × 3.1
CoilCraft
SPM6530T-1R0M120
1
14.1
7.81
7.1 × 6.5 × 3
TDK
XAL5030-222ME
2.2
9.2
14.5
5.28 × 5.48 × 3.1
CoilCraft
SPM6530T-2R2M
2.2
8.4
19
7.1 × 6.5 × 3
TDK
IHLP2525EZER2R2M-01
2.2
13.6
20.9
6.86 × 6.47 × 5
Vishay
XAL6030-332ME
3.3
8
20.81
6.36 × 6.56 × 3.1
CoilCraft
FDVE1040-3R3M
3.3
9.8
10.1
11.2 × 10 × 4
Toko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com