Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology LTC3370 Datasheet HTML 22Page - Linear Technology LTC3370 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC3370
19
3370fb
For more information www.linear.com/LTC3370
Typical applicaTions
4 × 2A Quad Buck Application
LTC3370
EXPOSED PAD
2.2µH
VINA
VINB
SWA
SWB
FB1
VING
VINH
SWG
SWH
FB4
VINC
VIND
SWC
SWD
FB2
VINE
VINF
SWE
SWF
FB3
3370 TA02
2.2µH
806k
649k
232k
464k
22µF
2.25V TO 5.5V
1.8V
2A
1.2V
2A
47µF
47µF
22µF
2.25V TO 5.5V
402k
RT
EN1
EN2
EN3
EN4
PLL/MODE
C1
C2
C3
VCC
PGOODALL
TEMP
MICROPROCESSOR
CONTROL
2.7V TO 5.5V
MICROPROCESSOR
CONTROL
10µF
2.2µH
2.2µH
511k
162k
665k
309k
22µF
2.5V TO 5.5V
3.3V
2A
2.5V
2A
47µF
47µF
22µF
3.3V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com