Electronic Components Datasheet Search
  English  ▼

X  

LTC3370 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC3370
15
3370fb
For more information www.linear.com/LTC3370
operaTion
Table 1. Master Slave Program Combinations (Each Letter
Corresponds to a VIN and SW Pair)
PROGRAM
CODE
C3C2C1
BUCK 1
BUCK 2
BUCK 3
BUCK 4
000
AB
CD
EF
GH
001
ABC
D
EF
GH
010
ABC
D
E
FGH
011
ABCH
D
E
FG
100
ABC
DE
Not Used
FGH
101
ABCD
Not Used
EF
GH
110
ABCD
Not Used
E
FGH
111
ABCD
Not Used
Not Used
EFGH
Power Failure Reporting Via PGOODALL Pin
Power failure conditions are reported back by the
PGOODALL pin. Each buck switching regulator has an
internal power good (PGOOD) signal. When the regulated
output voltage of an enabled switcher falls below 98% for
Buck regulator 1 or 95% for Buck regulators 2-4 of its
programmed value, the PGOOD signal is pulled low. If any
PGOOD signal stays low for greater than 100µs, then the
PGOODALLpinispulledlow,indicatingtoamicroprocessor
thatapowerfailurefaulthasoccurred.The100µsfiltertime
prevents the pin from being pulled low due to a transient.
The PGOOD signal has a 0.3% hysteresis such that when
the regulated output voltage of an enabled switcher rises
above 98.3% or 95.3%, respectively, of its programmed
value, the PGOOD signal transitions high.
Temperature Monitoring and Overtemperature
Protection
To prevent thermal damage to the LTC3370 and its sur-
rounding components, the LTC3370 incorporates an
overtemperature (OT) function. When the LTC3370 die
temperature reaches 170°C (typical) all enabled buck
switchingregulatorsareshutdownandremaininshutdown
until the die temperature falls to 160°C (typical).
Thetemperaturemaybereadbackbytheuserbysampling
theTEMPpinanalogvoltage.Thetemperature,T,indicated
by the TEMP pin voltage is given by:
T =
VTEMP – 45mV
7mV
•1°C
(1)
If none of the buck switching regulators are enabled, then
the temperature monitor is also shut down to further
reduce quiescent current.
Programming the Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output voltage ripple.
The operating frequency for all of the LTC3370 regulators
is determined by an external resistor that is connected
between the RT pin and ground. The operating frequency
can be calculated using the following equation:
fOSC =
8 •1011•ΩHz
RT
(2)
While the LTC3370 is designed to function with operat-
ing frequencies between 1MHz and 3MHz, it has safety
clamps that will prevent the oscillator from running faster
than 4MHz (typical) or slower than 250kHz (typical). Tying
the RT pin to VCC sets the oscillator to the default internal
operating frequency of 2MHz (typical).
The LTC3370’s internal oscillator can be synchronized
through an internal PLL circuit to an external frequency
by applying a square wave clock signal to the PLL/MODE
pin. During synchronization, the top MOSFET turn-on of
Buck regulator 1 is phase locked to the rising edge of
the external frequency source. All other buck switching
regulators are locked to the appropriate phase of the ex-
ternal frequency source (see Buck Switching Regulators).
The synchronization frequency range is 1MHz to 3MHz.
A synchronization signal on the PLL/MODE pin will force
all active buck switching regulators to operate in forced
continuous mode PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com