Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 10 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 6Page - Linear Technology LTM4645 Datasheet HTML 7Page - Linear Technology LTM4645 Datasheet HTML 8Page - Linear Technology LTM4645 Datasheet HTML 9Page - Linear Technology LTM4645 Datasheet HTML 10Page - Linear Technology LTM4645 Datasheet HTML 11Page - Linear Technology LTM4645 Datasheet HTML 12Page - Linear Technology LTM4645 Datasheet HTML 13Page - Linear Technology LTM4645 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LTM4645
10
4645f
For more information www.linear.com/LTM4645
operaTion
Power Module Description
The LTM4645 is a high performance single output stand-
alone nonisolated switching mode DC/DC power supply.
It can provide a 25A output with few external input and
output capacitors. This module provides precisely regu-
lated output voltages programmable via external resistors
from 0.6V DC to 1.8V DC over a 4.7V to 15V input range.
The typical application schematic is shown in Figure 23
and Figure 24.
The LTM4645 has an integrated constant-frequency cur-
rent mode regulator, power MOSFETs, inductor,and other
supportingdiscretecomponents.Theswitchingfrequency
range is optimized from 400kHz to 900kHz, depending on
outputvoltage.Forswitchingnoise-sensitiveapplications,
it can externally program to or be synchronized to a clock
from 300kHz to 1MHz subject to minimum on-time and
inductor ripple current limitations. See the Applications
Information section.
The LTM4645 is designed to use either external or internal
controlloopcompensationbyshortingCOMPbandCOMPa
pins together. With current mode control, the internal
loop compensation has sufficient stability margins and
good transient performance with a wide range of output
capacitors, even with all ceramic output capacitors. Table
5 provides a guideline for input and output capacitances
for several different output conditions using the internal
loop compensation. The LTpowerCAD® design tool is
available to download for optimizing the loop stability and
transient response.
Current mode control provides cycle-by-cycle fast current
limit in an overcurrent condition. An internal overvoltage
monitor protects the output voltage in the event of an
overvoltage >10%. The top MOSFET is turned off and the
bottom MOSFET is turned on until the output is cleared.
Pulling the RUN pin below 1.35V forces the regulator into
a shutdown state. The TRACK/SS pin is used for pro-
gramming the output voltage ramp and voltage tracking
during start-up. See the Application Information section.
Multiphase operation can be easily employed by cascad-
ing the MODE/PLLIN input to the CLKOUT output. See the
ApplicationsInformationsectionandFigure25forexample.
For high reliability environment, N+1 phase redundancy
can be easily implemented in LTM4645 together with a hot
swap controller, such as the LTC®4226, for extra system
protection. By connecting the HIZB pin to the gate of the
hot swap switch, any fault channel can be disconnected
while the rest of the system is not affected. See Applica-
tions Information section and Figure 27 for example.
High efficiency at light loads can be accomplished with
phase shedding in multiphase operation or with selectable
pulse-skipping mode or Burst Mode operation in single
phase operation. Efficiency graphs are provided for light
load operation in the Typical Performance Characteristics
section.
Aremotesenseamplifierisprovidedforaccuratelysensing
output voltages at the load point.
A TEMP+ and TEMP– pins are provided to allow the internal
device temperature to be monitored using an onboard
diode connected PNP transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com