Electronic Components Datasheet Search
  English  ▼

X  

LTM4645 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4645
Description  25A DC/DC Step-Down 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4645 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4645 Datasheet HTML 12Page - Linear Technology LTM4645 Datasheet HTML 13Page - Linear Technology LTM4645 Datasheet HTML 14Page - Linear Technology LTM4645 Datasheet HTML 15Page - Linear Technology LTM4645 Datasheet HTML 16Page - Linear Technology LTM4645 Datasheet HTML 17Page - Linear Technology LTM4645 Datasheet HTML 18Page - Linear Technology LTM4645 Datasheet HTML 19Page - Linear Technology LTM4645 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTM4645
16
4645f
For more information www.linear.com/LTM4645
applicaTions inForMaTion
slave regulator. This will impose an offset on the TRACK/
SS pin input. Smaller value resistors with the same ratios
as the resistor values calculated from the above equation
can be used. For example, where the 60.4k is used then
a 6.04k can be used to reduce the TRACK/SS pin offset
to a negligible value.
The coincident output tracking can be recognized as a
special ratiometric output tracking in which the master’s
output slew rate (MR) is the same as the slave’s output
slew rate (SR), waveform as shown in Figure 7.
In parallel operation the RUN pins can be tie together and
controlled from a single control. The RUN pin can also be
left floating. The RUN pin has a 1µA pull-up current source
that increases to 5µA during ramp-up. Please note that
the RUN pin has an ABSMAX voltage of 6V.
Differential Remote Sense Amplifier
Anaccuratedifferentialremotesenseamplifierisbuildinto
the LTM4645 to sense output voltages accurately at the
remote load points. This is especially true for high current
loads. It is very important that the VOSNS+ and VOSNS– are
connected properly at the remote output sense point, and
the feedback resistor RFB is connected to between VFB
pin to VOSNS– pin. Review the schematics in Figure 23
for reference.
In multiphase single output application. Only one set of
differential sensing amplifier and one set of feedback
resistor are required while connecting RUN, TRACK/SS,
VOUT, VFB and COMPa of different channels together. See
Figure 25 for paralleling application.
Power Good
The PGOOD pins are open-drain pins that can be used to
monitor valid output voltage regulation. This pin monitors
a ±7.5% window around the regulation point. A resistor
can be pulled up to a particular supply voltage no greater
than 6V maximum for monitoring.
Overvoltage and Overcurrent Protection
The LTM4645 has over current protection (OCP) in a
short circuit. The internal current comparator threshold
folds back during a short to reduce the output current. An
overvoltage condition (OVP) above 10% of the regulated
outputvoltagewillforcethetopMOSFEToffandthebottom
MOSFET on until the condition is cleared. Foldback cur-
rent limit is disabled during soft-start or tracking start-up.
Pre-Biased Output Start-Up
In the application that require the power supply to start
up with a pre-bias on the output capacitors, the LTM4645
module can safely power up into a pre-biased output
without discharging it.
TIME
MASTER OUTPUT
SLAVE OUTPUT
4645 F07
Figure 7. Output Coincident Tracking Waveform
From the equation, we could easily find that, in coincident
tracking,theslaveregulator’sTRACK/SSpinresistordivider
is always the same as its feedback divider:
RFB(SL)
RFB(SL) +60.4k
=
RTR(BOT)
RTR(TOP) +RTR(BOT)
For example, RTR(TOP) = 60.4k and RTR(BOT) = 60.4k is a
good combination for coincident tracking for a VOUT(MA)
=1 .5V and VOUT(SL) = 1.2V application.
Run Enable
The RUN pin has an enable threshold of 1.45V maximum,
typically 1.35V with 180mV of hysteresis. It controls the
turn-on of the µModule. The RUN pin can be pulled up to
VIN for 5V operation, or a 5V Zener diode can be placed
on the pin and a 10k to 100k resistor can be placed up to
higher than 5V input for enabling the µModule. The RUN
pin can also be used for output voltage sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com